Electronic Components Datasheet Search
  English  ▼

X  

BCW68GL Datasheet(PDF) 1 Page - ON Semiconductor

Part # BCW68GL
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW68GL Datasheet(HTML) 1 Page - ON Semiconductor

  BCW68GL Datasheet HTML 1Page - ON Semiconductor BCW68GL Datasheet HTML 2Page - ON Semiconductor BCW68GL Datasheet HTML 3Page - ON Semiconductor BCW68GL Datasheet HTML 4Page - ON Semiconductor BCW68GL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 7
1
Publication Order Number:
BCW68GLT1/D
BCW68GL
General Purpose Transistor
PNP Silicon
Features
• NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−45
Vdc
Collector−Base Voltage
VCBO
−60
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−800
mAdc
Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board
(Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to +150
°C
1. FR−5 = 1.0
0.75
0.062 in.
2. Alumina = 0.4
0.3
0.024 in 99.5% alumina.
SOT−23
CASE 318
STYLE 6
DG
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
MARKING DIAGRAM
1
2
3
Device
Package
Shipping†
ORDERING INFORMATION
BCW68GLT1G,
NSVBCW68GLT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
DG M
G
G
COLLECTOR
3
1
BASE
2
EMITTER
(Note: Microdot may be in either location)
BCW68GLT3G
SOT−23
(Pb−Free)
10000 / Tape &
Reel
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
www.onsemi.com


Similar Part No. - BCW68GL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW68GL ONSEMI-BCW68GL Datasheet
92Kb / 5P
General Purpose Transistor
November, 2016 ??Rev. 8
logo
Motorola, Inc
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
General Purpose Transistor
logo
Leshan Radio Company
BCW68GLT1 LRC-BCW68GLT1 Datasheet
52Kb / 2P
General Purpose Transistors(PNP Silicon)
logo
WILLAS ELECTRONIC CORP
BCW68GLT1 WILLAS-BCW68GLT1 Datasheet
297Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results

Similar Description - BCW68GL

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com