Electronic Components Datasheet Search
  English  ▼

X  

LP3987H Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP3987H
Description  Ultra-Low-Noise for RF Application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987H Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

  LP3987H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 8Page - Lowpower Semiconductor inc LP3987H Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Preliminary Datasheet
LP3987H
LP3987H – 02 Version 1.2 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 9
(125°C) and TA is the maximum ambient temperature.
The junction to ambient thermal resistance (θJA is layout
dependent) for SOT23-5 package is 250°C/W.
PD(MAX) = (125°C−25°C) / 250 = 400mW (SOT23-5)
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA.
When
considering the thermal
characteristic of PCB it may be larger than 400mW.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com