Electronic Components Datasheet Search
  English  ▼

X  

LP4060 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4060
Description  Programmable Charge Current Up to 800mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4060 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4060 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4060 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary Datasheet
LP4060A
LP4060A – Ver. 1.0 Datasheet
Nov.-2007
Page 1 of 13
800mA Standalone Linear Li-Ion Battery Charger with
Thermal Regulation in ThinSOT
General Description
The LP4060A is a complete constant-current/constant-
voltage linear charger for single cell lithium-ion batteries.
Its ThinSOT package and low external component count
make the LP4060A ideally suited for portable applications.
Furthermore, the LP4060A is specifically designed to work
within USB power specifications. No external sense resistor
is needed, and no blocking diode is required due to the
internal MOSFET architecture. Thermal feedback regulates
the charge current to limit the die temperature during high
power operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
LP4060A automatically terminates the charge cycle when
the charge current drops to 1/10th the programmed value
after the final float voltage is reached. Other features
include charge current monitor, undervoltage lockout,
automatic recharge and a status pin to indicate charge
termination and the presence of an input voltage.
Order Information
LP4060A - □ □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Programmable Charge Current Up to
800mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in ThinSOT
Package for Single Cell Lithium-ion Batteries
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize
Charge Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Preset 4.2V Charge Voltage with ± 1% Accuracy
Available in SOT23-5 Package
Charge Current Monitor Output for Gas
Gauging
Automatic Recharge
2.9V Trickle Charge Threshold
C/10 Charge Termination
Typical Application Circuit
+
1uF
+
1uF
LED
10K
BATT
LP4060J5F
2
4
5
3
1
GND
VCC
PROG
BAT
CHRG
Vin
R
Marking Information
Please see website.
LP4060B5F


Similar Part No. - LP4060

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4060A-B5F POWER-LP4060A-B5F Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LP4060

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
LP78071 POWER-LP78071 Datasheet
825Kb / 16P
Programmable Charge Current Up to 1000mA
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Maxim Integrated Produc...
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
Programmable Current Limit Up to 1A
Rev 0; 5/12
logo
PHOENIX CONTACT
100241 PHOENIX-100241 Datasheet
1Mb / 19P
Current transducer up to 55 A, programmable and configurable
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
High capacity of up to 1000 mA programmable charge current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com