Electronic Components Datasheet Search
  English  ▼

X  

LP6270 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6270
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6270 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6270 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6270 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary Datasheet
LP6270
LP6270QVF Version 1.0 Datasheet
NOV.-2013
www.lowpowersemi.com
Page 6 of 6
Packaging Information
DETAIL A
Pin#1 ID and TIE Bar Mark Options
Note: The configuration of Pin #1 identifier is optional,
but must be located within the zone indicated.
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.180
0.300
0.007
0.012
D
2.950
3.050
0.116
0.120
D2
2.300
2.650
0.091
0.104
E
2.950
3.050
0.116
0.120
E2
1.500
1.750
0.059
0.069
e
0.500
0.020
L
0.350
0.450
0.014
0.018



Html Pages

1 2 3 4 5 6