Electronic Components Datasheet Search
  English  ▼

X  

MT7403-UR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT7403-UR
Description  Marktech 3mm Ultra Bright Red LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT7403-UR Datasheet(HTML) 1 Page - Marktech Corporate

  MT7403-UR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
344
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
Ultr
Ultr
Ultr
Ultr
Ultra Bright
a Bright
a Bright
a Bright
a Bright T-1 LED Lamps
T-1 LED Lamps
T-1 LED Lamps
T-1 LED Lamps
T-1 LED Lamps
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
• Excellent on/off contrasts
• Low drive current
• High intensity red light emission
• Choice of lens color
• Available in two materials
• Can be packaged on tape in a reel or
in a box
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
ANODE
PART NO.
FORWARD
CURRENT(i
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(ºC)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT7103-UR
30
4.0
70
-25~+85
-25~+100
MT7203-UR
30
4.0
70
-25~+85
-25~+100
MT7303-UR
30
4.0
70
-25~+85
-25~+100
MT7403-UR
30
4.0
70
-25~+85
-25~+100
MT7103A-UR
30
4.0
70
-25~+85
-25~+100
MT7203A-UR
30
4.0
70
-25~+85
-25~+100
MT7303A-UR
30
4.0
70
-25~+85
-25~+100
MT7403A-UR
30
4.0
70
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT7103-UR
GaAlAs/GaAs
Red Diff
54°
108
180
20
1.9
2.5
20
100
4
660
MT7203-UR
GaAlAs/GaAs
White Diff
54°
108
180
20
1.9
2.5
20
100
4
660
MT7303-UR
GaAlAs/GaAs
Water Clear
46°
360
600
20
1.9
2.5
20
100
4
660
MT7403-UR
GaAlAs/GaAs
Red Clear
46°
360
600
20
1.9
2.5
20
100
4
660
MT7103A-UR
GaAlAs
Red Diff
54°
210
350
20
1.9
2.5
20
100
4
660
MT7203A-UR
GaAlAs
White Diff
54°
210
350
20
1.9
2.5
20
100
4
660
MT7303A-UR
GaAlAs
Water Clear
46°
720
1200
20
1.9
2.5
20
100
4
660
MT7403A-UR
GaAlAs
Red Clear
46°
720
1200
20
1.9
2.5
20
100
4
660


Similar Part No. - MT7403-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7403A-UR-A MARKTECH-MT7403A-UR-A Datasheet
183Kb / 3P
Ultra Bright LEDs
MT7403A-UR-A MARKTECH-MT7403A-UR-A Datasheet
247Kb / 5P
ROUND LED LAMP
MT7403A-UR-A MARKTECH-MT7403A-UR-A_15 Datasheet
247Kb / 5P
ROUND LED LAMP
More results

Similar Description - MT7403-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2103-UG MARKTECH-MT2103-UG Datasheet
34Kb / 1P
Marktech 3mm Ultra Bright Y G LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
MT7133-UR MARKTECH-MT7133-UR Datasheet
35Kb / 1P
Marktech 10mm Ultra Bright LEDs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
Marktech 5mm Tapered 20 Ultra Bright LEDs
LC307THR1-30Q-A MARKTECH-LC307THR1-30Q-A Datasheet
51Kb / 2P
InGaAlP Red Ultra Bright 3mm LED
MT1303-UHR MARKTECH-MT1303-UHR Datasheet
379Kb / 2P
Ultra Bright Red 3mm LED
MT21030UG MARKTECH-MT21030UG Datasheet
34Kb / 2P
Marktech 3mm Ultra Bright Y G LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
logo
OptoSupply Internationa...
OS5RKA3131A OPTOSUPPLY-OS5RKA3131A Datasheet
110Kb / 1P
3mm Round Ultra Bright Red LED
OS5RKA3131A OPTOSUPPLY-OS5RKA3131A Datasheet
110Kb / 1P
3mm Round Ultra Bright Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com