Electronic Components Datasheet Search
  English  ▼

X  

PB4350 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PB4350
Description  50 V low VCEsat NPN transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PB4350 Datasheet(HTML) 2 Page - NXP Semiconductors

  PB4350 Datasheet HTML 1Page - NXP Semiconductors PB4350 Datasheet HTML 2Page - NXP Semiconductors PB4350 Datasheet HTML 3Page - NXP Semiconductors PB4350 Datasheet HTML 4Page - NXP Semiconductors PB4350 Datasheet HTML 5Page - NXP Semiconductors PB4350 Datasheet HTML 6Page - NXP Semiconductors PB4350 Datasheet HTML 7Page - NXP Semiconductors PB4350 Datasheet HTML 8Page - NXP Semiconductors PB4350 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2003 May 13
2
NXP Semiconductors
Product data sheet
50 V low VCEsat NPN transistor
PBSS4350Z
FEATURES
• Low collector-emitter saturation voltage
• High collector current capability: I
C and ICM
• High collector current gain (h
FE) at high IC
• Higher efficiency leading to less heat generation
• Reduced PCB area requirements compared to DPAK.
APPLICATIONS
• Power management
– DC/DC converters
– Supply line switching
– Battery charger
– Linear voltage regulation (LDO).
• Peripheral drivers
– Driver in low supply voltage applications, e.g. lamps,
LEDs
– Inductive load driver, e.g. relays, buzzers, motors.
DESCRIPTION
NPN low VCEsat transistor in a SOT223 plastic package.
PNP complement: PBSS5350Z.
MARKING
TYPE NUMBER
MARKING CODE
PBSS4350Z
PB4350
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
4
collector
handbook, halfpage
4
12
3
MAM287
Top view
3
2, 4
1
Fig.1 Simplified outline (SOT223) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
50
V
ICM
peak collector current
5
A
RCEsat
equivalent on-resistance
<145
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com