Electronic Components Datasheet Search
  English  ▼

X  

EN8211A Datasheet(PDF) 2 Page - ON Semiconductor

Part # EN8211A
Description  Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN8211A Datasheet(HTML) 2 Page - ON Semiconductor

  EN8211A Datasheet HTML 1Page - ON Semiconductor EN8211A Datasheet HTML 2Page - ON Semiconductor EN8211A Datasheet HTML 3Page - ON Semiconductor EN8211A Datasheet HTML 4Page - ON Semiconductor EN8211A Datasheet HTML 5Page - ON Semiconductor EN8211A Datasheet HTML 6Page - ON Semiconductor EN8211A Datasheet HTML 7Page - ON Semiconductor EN8211A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MCH3145 / MCH3245
No.8211-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)300mA
420
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(16)8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)1A, IB=(--)50mA
(--165)130
(--330)260
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)1A, IB=(--)50mA
(--)0.9
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--50)80
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=(--)100μA, RBE=0A
(--50)80
V
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(35)35
ns
Storage Time
tstg
(200)330
ns
Fall Time
tf
(24)40
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
MCH3145-TL-E
MCPH3
3,000pcs./reel
Pb Free
MCH3245-TL-E
MCPH3
3,000pcs./reel
VR
RB
VCC=25V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=10IB1= --10IB2=0.7A
For PNP, the polarity is reversed.
--2.0
--1.6
--1.2
--0.8
--1.0
--1.4
--1.8
--0.4
--0.2
--0.6
0
IC -- VCE
0
--0.4
--0.2
--0.6
--0.8
--1.2
--1.0
--1.4
--1.6
--1.8
--2.0
IB=0
IC -- VCE
MCH3145
MCH3245
--10mA
--8mA
--40mA
10mA
15mA
20mA
30mA
8mA
2mA
4mA
6mA
IB=0
--4mA
--6mA
--2mA
IT09096
IT09097
2.0
1.6
1.2
0.8
1.0
1.4
1.8
0.4
0.2
0.6
0
0
0.4
0.2
0.6
0.8
1.2
1.0
1.4
1.6
1.8
2.0
--20mA
--60mA
--80mA
--100mA
40mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com