Electronic Components Datasheet Search
  English  ▼

X  

DTA143EE Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTA143EE
Description  Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 kA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA143EE Datasheet(HTML) 1 Page - ON Semiconductor

  DTA143EE Datasheet HTML 1Page - ON Semiconductor DTA143EE Datasheet HTML 2Page - ON Semiconductor DTA143EE Datasheet HTML 3Page - ON Semiconductor DTA143EE Datasheet HTML 4Page - ON Semiconductor DTA143EE Datasheet HTML 5Page - ON Semiconductor DTA143EE Datasheet HTML 6Page - ON Semiconductor DTA143EE Datasheet HTML 7Page - ON Semiconductor DTA143EE Datasheet HTML 8Page - ON Semiconductor DTA143EE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2013 − Rev. 2
1
Publication Order Number:
DTA143E/D
MUN2132, MMUN2132L,
MUN5132, DTA143EE,
DTA143EM3, NSBA143EF3
Digital Transistors (BRT)
R1 = 4.7 kW, R2 = 4.7 kW
PNP Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a base−
emitter resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space.
Features
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101 Qualified
and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
30
Vdc
Input Reverse Voltage
VIN(rev)
10
Vdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
See detailed ordering, marking, and shipping information in
the package dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SC−75
CASE 463
STYLE 1
MARKING DIAGRAMS
XXX
= Specific Device Code
M
= Date Code*
G
=Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
SC−59
CASE 318D
STYLE 1
SOT−23
CASE 318
STYLE 6
SC−70/SOT−323
CASE 419
STYLE 3
SOT−723
CASE 631AA
STYLE 1
SOT−1123
CASE 524AA
STYLE 1
XX MG
G
1
1
XXX MG
G
XX MG
G
1
XX M
1
X M
XX M
1
1
PIN CONNECTIONS


Similar Part No. - DTA143EE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTA143EE MOTOROLA-DTA143EE Datasheet
93Kb / 4P
CASE 463-01, STYLE 1 SOT-416/SC-90
logo
Rohm
DTA143EE ROHM-DTA143EE Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA143EE ONSEMI-DTA143EE Datasheet
142Kb / 12P
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
logo
Weitron Technology
DTA143EE WEITRON-DTA143EE Datasheet
799Kb / 13P
Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA143EE ROHM-DTA143EE Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA143EE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2132 ONSEMI-MUN2132 Datasheet
145Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 1
MUN2133 ONSEMI-MUN2133 Datasheet
146Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN2216 ONSEMI-MUN2216 Datasheet
128Kb / 10P
Digital Transistors (BRT) R1 = 4.7 k, R2 =  k
February, 2013 ??Rev. 1
MUN2232 ONSEMI-MUN2232 Datasheet
140Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
August, 2012 ??Rev. 0
MUN2233 ONSEMI-MUN2233 Datasheet
149Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
August, 2012 ??Rev. 0
MUN5332DW1 ONSEMI-MUN5332DW1 Datasheet
167Kb / 10P
Complementary Bias Resistor Transistors R1 = 4.7 k, R2 = 4.7 k
September, 2012 ??Rev. 0
MUN2133 ONSEMI-MUN2133_13 Datasheet
150Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
MUN2233 ONSEMI-MUN2233_15 Datasheet
110Kb / 12P
Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
January, 2015 ??Rev. 5
logo
NXP Semiconductors
PEMD15_PUMD15 PHILIPS-PEMD15_PUMD15_15 Datasheet
918Kb / 16P
NPN/PNP resistor-equipped transistors R1 = 4.7 k?? R2 = 4.7 k?
Rev. 4-19 December 2011
logo
Nexperia B.V. All right...
PDTA143E_SER NEXPERIA-PDTA143E_SER Datasheet
1Mb / 17P
PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com