Electronic Components Datasheet Search
  English  ▼

X  

KIA78M05PI Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA78M05PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78M05PI Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA78M05PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA78M05PI Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2002. 8. 29
7/8
KIA78M05PI~KIA78M15PI
Revision No : 3
0.975
0
JUNCTION TEMPERATURE ( C)
OUTPUT VOLTAGE
3.0
5
INPUT VOLTAGE (V)
QUIESCENT CURRENT
0
10
FREQUENCY (Hz)
RIPPLE REJECTION
INPUT-OUTPUT DIFFERENTIAL (V)
0
0
PEAK OUTPUT CURRENT
JUNCTION TEMPERATURE ( C)
0
0
DROPOUT VOLTAGE
5
1015
202530
0.25
0.50
0.75
1.00
1.25
1.50
T =0 C
J
T =25 C
J
T =150 C
J
20
40
60
80
100
100
1k
10k
100k
V
=5V
OUT
V
=15V
OUT
I
=300mA
T =25 C
OUT
J
25
50
75
100
125
150
0.5
1.0
1.5
2.0
2.5
I
=500mA
I
=250mA
I
=0.0mA
V
=100mV
OUT
OUT
OUT
OUT
25
50
75
100
125
150
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
10
15
20
25
30
35
3.5
4.0
4.5
5.0
5.5
6.0
V
=5V
I
=5mA
T =25 C
OUT
OUT
J
(Normalized to 1V at T =25 C)
j
JUNCTION TEMPERATURE ( C)
0
0
QUIESCENT CURRENT
25
50
75
100
125
150
3.0
3.5
4.0
4.5
V =10V
V
=5V
I
=5mA
IN
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com