Electronic Components Datasheet Search
  English  ▼

X  

SMAB210 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # SMAB210
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAB210 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  SMAB210 Datasheet HTML 1Page - KEC(Korea Electronics) SMAB210 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 7. 24
2/2
SMAB210
Revision No : 2
I
-
V
F
F
F
FORWARD VOLTAGE V
(V)
NUMBER OF CYCLES AT 60Hz
1
0
20
60
40
10
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
f=60Hz
P
- I
F(AV)
F(AV)
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
2.0
1.8
1.6
1.4
0.4
0.8
1.2
1.6
2.0
2.4
RECTANGULAR
WAVEFORM
180
360
I
- Tl
F(AV)
l
LEAD TEMPERATURE T
( C)
0
0
0.5
2.0
1.5
1.0
2.5
25
50
75
100
150
125
0.4
0.6
0.8
1.0
1.2
10
0.1
0.3
0.5
1
3
5
T =125 C
25 C
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com