Electronic Components Datasheet Search
  English  ▼

X  

SMFB13 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # SMFB13
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMFB13 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  SMFB13 Datasheet HTML 1Page - KEC(Korea Electronics) SMFB13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008 .9 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMFB13
SCHOTTKY BARRIER TYPE DIODE
Revision No : 7
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
・Repetitive Peak Reverse Voltage : V
RRM=30V.
・Averge Output Rectitifed Current : I
O=1.0A.
・Feak Forward Voltage : V
FM=0.42V(max.)
・For Use in Low Voltage, High Frequency inverters, Free
Wheeling, and Polarity Protection Applications.
APPLICATION
・Switching Power Supply.
・Reversed Battery Connection Protection.
・DC/DC Converter.
・Cellular Phones.
MAXIMUM RATING (Ta=25℃)
+_
+_
+_
+_
+_
+_
SMF
DIM
MILLIMETERS
A
B
C
D
E
F
G
2.6 0.05
3.5 0.1
0.9 0.05
1.6 0.05
0.65 0.05
+_
0.11 0.05
0 ~ 0.1
D
F
0.98 0.05
H
1
2
C
G
H
1. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Marking
B13
Type Name
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=1.0A
-
-
0.42
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
50
㎂
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
20
℃/W
Rth(j-a)
Junction to ambient
(on a grass-epoxy board)
-
-
140
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
30
V
Average Output Rectitifed Current
IO
1
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
22
A
Junction Temperature
Tj
-65~150
℃
Storage Temperature Range
Tstg
-65~150
℃


Similar Part No. - SMFB13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMFB13 KEC-SMFB13 Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
SMFB13L KEC-SMFB13L Datasheet
36Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
SMFB13L KEC-SMFB13L Datasheet
581Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
SEMTECH ELECTRONICS LTD...
SMFB13W SEMTECH_ELEC-SMFB13W Datasheet
253Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - SMFB13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR2060CT KEC-MBR2060CT Datasheet
35Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR331V KEC-KDR331V Datasheet
68Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Kersemi Electronic Co.,...
MBRF20200CT KERSEMI-MBRF20200CT Datasheet
766Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com