Electronic Components Datasheet Search
  English  ▼

X  

USFB13A Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # USFB13A
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

USFB13A Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  USFB13A Datasheet HTML 1Page - KEC(Korea Electronics) USFB13A Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 11
2/2
USFB13A
Revision No : 1
0
100
200
300
500
400
1000
400
300
200
100
0
500
700
600
800
900
Ta=150 C
I
-
V
FF
040
20
60
80
160
140
100
120
0.0001
0.001
0.01
0.1
1
10
100
IR - Tj
JUNCTION TEMPERATURE Tj (
)
20V
15V
5V
3V
10V
C
100 C
75 C
25 C
05
10
15
30
25
20
200
150
100
50
0
250
CJ - VR
0.001
0.1
0.01
1
10
100
1000
1
10
100
1000
Rth(j-a) - t
On glass-epoxy substrate
Soldering Land 6mm 6mm
REVERSE VOLTAGE VR (V)
Time t (s)
VR = 30V
FORWARD VOLTAGE
VF (mV)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com