Electronic Components Datasheet Search
  English  ▼

X  

USFB073 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # USFB073
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

USFB073 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  USFB073 Datasheet HTML 1Page - KEC(Korea Electronics) USFB073 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2005. 12. 1
2/2
USFB073
Revision No : 1
0
100
200
300
500
400
1000
1
10
100
Ta=150
I
-
V
FF
F
INSTANTANEOUS FORWARD VOLTAGE V
(V)
C
-
V
JR
R
REVERSE VOLTAGE V
(V)
NUMBER OF CYCLES
1
0
10
20
10
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
f=1MHz
Ta
- I F(AV)
MAX
F(AV)
AVERAGE FORWARD CURRENT I
(A)
0
0
25
50
125
100
75
0.4
1.2
1.6
0.8
2.0
110
30
10
100
1000
20
Ta=125
Ta=75
Ta=25
D=1/2
DC
Ta=25 C
8.3ms
8.3ms
1cyc.
0A
0V
IO
VR
D=t/T
VR=15V
Tj=125 C
t
T
Sin ( =180)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com