Electronic Components Datasheet Search
  English  ▼

X  

MS15C37 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS15C37
Description  Low rDS(on) trench technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS15C37 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS15C37 Datasheet HTML 1Page - Bruckewell Technology LTD MS15C37 Datasheet HTML 2Page - Bruckewell Technology LTD MS15C37 Datasheet HTML 3Page - Bruckewell Technology LTD MS15C37 Datasheet HTML 4Page - Bruckewell Technology LTD MS15C37 Datasheet HTML 5Page - Bruckewell Technology LTD MS15C37 Datasheet HTML 6Page - Bruckewell Technology LTD MS15C37 Datasheet HTML 7Page - Bruckewell Technology LTD MS15C37 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MS15C37
N & P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MS15C37]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Nch Limit
Pch Limit
Unit
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID
Continuous Drain Current
a (T
A =25°C)
1.5
1.0
A
Continuous Drain Current
a (T
A =70°C)
1.25
0.86
A
IDM
Pulsed Drain Current
b
10
-10
A
IS
Continuous Source Current (Diode Conduction)
a
0.36
-0.35
A
PD
Power Dissipation
a (T
A =25°C)
0.3
0.3
W
Power Dissipation
a (T
A =70°C)
0.21
0.21
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to 150
°C
Thermal Resistance Ratings
Symbol
Parameter
Maximum
Units
RTHJA
Maximum Junction-to-Ambient C/W
a (t <= 10 sec)
415
°C/W
Maximum Junction-to-Ambient C/W
a (Steady-State)
460
Notes:
a.
Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Static
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate-Source Threshold Voltage
VDS = VGS , ID = -250 μA (Nch)
VDS = VGS , ID = -250 μA (Pch)
1
-1
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS = ±20 V (Pch)
±10
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V , VGS = 0 V (Nch)
VDS = -24 V , VGS = 0 V (Pch)
1
-1
uA
ID(on)
On-State Drain Current
A
VDS = 5 V , VGS = 10 V (Nch)
VDS = -5 V , VGS = -10 V (Pch)
1.8
1.2
A
RDS(on)
Drain-Source On-Resistance
A
VGS = 10 V , ID = 1.1 A (Nch)
VGS = 4.5 V , ID = 0.88 A (Pch)
VGS = -10 V , ID = -0.8 A (Nch)
VGS = -4.5 V , ID = -0.64 A (Pch)
90
130
190
290
m
Ω
gfs
Forward Tranconductance
A
VDS = 15 V , ID = 1.1 A (Nch)
VDS = -15 V , ID = -0.8 A (Pch)
4
3
S
VSD
Diode Forward Voltage
IS = 0.18 V , VGS = 0 V (Nch)
IS = 0.175 V, VGS = 0 V (Pch)
0.74
-0.79
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com