Electronic Components Datasheet Search
  English  ▼

X  

MS23P01S Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS23P01S
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23P01S Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS23P01S Datasheet HTML 1Page - Bruckewell Technology LTD MS23P01S Datasheet HTML 2Page - Bruckewell Technology LTD MS23P01S Datasheet HTML 3Page - Bruckewell Technology LTD MS23P01S Datasheet HTML 4Page - Bruckewell Technology LTD MS23P01S Datasheet HTML 5Page - Bruckewell Technology LTD MS23P01S Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS23
P01S
P-Channel Enhancement Mode Power MOSFET
Description
The MS23
P01S uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 1.8V. This device is suitable
for use as a load switch or in PWM applications.
General Features
●
VDS = -20V,ID = -2.6A
RDS(ON) < 160mΩ @ VGS=-2.5V
RDS(ON) < 120mΩ @ VGS=-4.5V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
PWM applications
●
Load switch
D
G
S
Schematic diagram
Marking and pin assignment
SC70-3/ SOT-323 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
A1SHB
M
S23P01S
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
-2.6
A
Drain Current -Pulsed
(Note 1)
IDM
-13
A
Maximum Power Dissipation
PD
0.9
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
138
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V
-
-
-1
μA
1/6


Similar Part No. - MS23P01S

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS23P01 BWTECH-MS23P01 Datasheet
626Kb / 6P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - MS23P01S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com