Electronic Components Datasheet Search
  English  ▼

X  

MS34P07 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS34P07
Description  Low thermal impedance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS34P07 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS34P07 Datasheet HTML 1Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 2Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 3Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 4Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MS34P07
P-Channel 20-V (D-S) MOSFET
VDS (V)
ID(A)
-5
-3
Source: 4
Symbol
Limit
Units
VDS
-20
VGS
±12
TA=25°C
-5
TA=100°C
-3.3
IDM
-20
IS
-1
A
Power Dissipation
a
TA=25°C
PD
1.40
W
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
Parameter
-20
Drain-Source Voltage
V
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (mΩ)
34 @ VGS = -4.5V
48 @ VGS = -2.5V
Drain: 1,2,5,6 Gate: 3
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
°C/W
Steady State
ID
A
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Battery Powered Instruments
• Portable Computing
• Mobile Phones
• GPS Units and Media Players
TSOP6
1


Similar Part No. - MS34P07

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS34P01 BWTECH-MS34P01 Datasheet
679Kb / 7P
30V(D-S) P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MS34P07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-1200 ETC2-SP-1200 Datasheet
571Kb / 2P
Thermal Impedance: 0.53oC-in2/W
SP-A1500 ETC2-SP-A1500 Datasheet
395Kb / 2P
Thermal impedance: 0.42째C-in2/W
logo
ACE Technology Co., LTD...
ACE7436M ACE-ACE7436M Datasheet
392Kb / 7P
N-Channel 30-V MOSFET, Low thermal impedance
VER 1.1
logo
TT Electronics.
LRF3W TTELEC-LRF3W Datasheet
556Kb / 3P
Low thermal impedance
logo
Vishay Siliconix
VS-ST333SP VISHAY-VS-ST333SP Datasheet
345Kb / 10P
Low thermal impedance
01-Mar-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com