Electronic Components Datasheet Search
  English  ▼

X  

MS40N06 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS40N06
Description  Advanced high cell density Trench technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS40N06 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS40N06 Datasheet HTML 1Page - Bruckewell Technology LTD MS40N06 Datasheet HTML 2Page - Bruckewell Technology LTD MS40N06 Datasheet HTML 3Page - Bruckewell Technology LTD MS40N06 Datasheet HTML 4Page - Bruckewell Technology LTD MS40N06 Datasheet HTML 5Page - Bruckewell Technology LTD MS40N06 Datasheet HTML 6Page - Bruckewell Technology LTD MS40N06 Datasheet HTML 7Page - Bruckewell Technology LTD MS40N06 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MS40N06 60V N-Channel MOSFET
©Bruckewell Technology Corporation Rev. A -2014
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
60
---
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃, ID=1mA
---
0.057
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V , ID=30A
---
14
18
mΩ
VGS=4.5V , ID=15A
---
16
20
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
---
2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
-5.68
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=48V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=48V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=30A
---
35.2
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.7
3.4
Ω
Qg
Total Gate Charge (4.5V)
VDS=48V , VGS=4.5V , ID=15A
---
19.3
27
nC
Qgs
Gate-Source Charge
---
7.1
10
Qgd
Gate-Drain Charge
---
7.6
10.6
Td(on)
Turn-On Delay Time
VDD=30V , VGS=10V ,
RG=3.3Ω, ID=15A
---
7.2
14.4
ns
Tr
Rise Time
---
50
90
Td(off)
Turn-Off Delay Time
---
36.4
73
Tf
Fall Time
---
7.6
15.2
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
2423
3392
pF
Coss
Output Capacitance
---
145
203
Crss
Reverse Transfer Capacitance
---
97
136
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy5
VDD=25V , L=0.1mH , IAS=15A
19
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com