Electronic Components Datasheet Search
  English  ▼

X  

IRFS4020PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS4020PBF
Description  Key parameters optimized for Class-D audio amplifier applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4020PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS4020PBF Datasheet HTML 1Page - International Rectifier IRFS4020PBF Datasheet HTML 2Page - International Rectifier IRFS4020PBF Datasheet HTML 3Page - International Rectifier IRFS4020PBF Datasheet HTML 4Page - International Rectifier IRFS4020PBF Datasheet HTML 5Page - International Rectifier IRFS4020PBF Datasheet HTML 6Page - International Rectifier IRFS4020PBF Datasheet HTML 7Page - International Rectifier IRFS4020PBF Datasheet HTML 8Page - International Rectifier IRFS4020PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
05/14/09
IRFS4020PbF
IRFSL4020PbF
Notes
 through … are on page 2
Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes
the latest processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode
reverse recovery and internal Gate resistance are optimized to improve key Class-D audio amplifier performance
factors such as efficiency, THD and EMI. Additional features of this MOSFET are 175°C operating junction
temperature and repetitive avalanche capability. These features combine to make this MOSFET a highly efficient,
robust and reliable device for ClassD audio amplifier applications.
DIGITAL AUDIO MOSFET
Features
• Key parameters optimized for Class-D audio
amplifier applications
• Low RDSON for improved efficiency
• Low QG and QSW for better THD and improved
efficiency
• Low QRR for better THD and lower EMI
• 175°C operating junction temperature for
ruggedness
• Can deliver up to 300W per channel into 8Ω load in
half-bridge configuration amplifier
PD - 97393
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current c
PD @TC = 25°C
Power Dissipation
f
W
PD @TC = 100°C
Power Dissipation f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
(1.6mm from case)
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
1.43
°C/W
RθJA
Junction-to-Ambient (PCB Mount) f
–––
40
100
52
0.70
-55 to + 175
300
Max.
13
52
±20
200
18
S
D
G
D2Pak
IRFS4020PbF
S
D
G
D
TO-262
IRFSL4020PbF
S
D
G
D
GD
S
Gate
Drain
Source
VDS
200
V
RDS(ON) typ. @ 10V
85
m
Ω
Qg typ.
18
nC
Qsw typ.
6.7
nC
RG(int) typ.
3.2
Ω
TJ max
175
°C
Key Parameters


Similar Part No. - IRFS4020PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS4010 ISC-IRFS4010 Datasheet
244Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS4010-7PPBF IRF-IRFS4010-7PPBF Datasheet
318Kb / 9P
HEXFET Power MOSFET
IRFS4010-7PPBF IRF-IRFS4010-7PPBF Datasheet
318Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRFS4010-7PPBF IRF-IRFS4010-7PPBF Datasheet
318Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRFS4010-7PPBF IRF-IRFS4010-7PPBF_15 Datasheet
318Kb / 9P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS4020PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
Key Parameters Optimized for Class-D Audio
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
Key parameters optimized for Class-D audio amplifier applications
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
Key parameters optimized for Class-D audio amplifier applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com