Electronic Components Datasheet Search
  English  ▼

X  

IRFS4115PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFS4115PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4115PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFS4115PBF Datasheet HTML 1Page - International Rectifier IRFS4115PBF Datasheet HTML 2Page - International Rectifier IRFS4115PBF Datasheet HTML 3Page - International Rectifier IRFS4115PBF Datasheet HTML 4Page - International Rectifier IRFS4115PBF Datasheet HTML 5Page - International Rectifier IRFS4115PBF Datasheet HTML 6Page - International Rectifier IRFS4115PBF Datasheet HTML 7Page - International Rectifier IRFS4115PBF Datasheet HTML 8Page - International Rectifier IRFS4115PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFS/SL4115PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
140
150
160
170
180
190
200
Id = 3.5mA
-20
0
20
40
60
80 100 120 140 160
VDS, Drain-to-Source Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100μsec
1msec
10msec
DC
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
20
40
60
80
100
120
Fig 12. Threshold Voltage vs. Temperature
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
6.0
ID = 250μA
ID = 1.0mA
ID = 1.0A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com