Electronic Components Datasheet Search
  English  ▼

X  

PE15A2000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A2000
Description  500 MHz to 4 GHz Frequency Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A2000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
3.2 in [81.28 mm]
Width
1.8 in [45.72 mm]
Height
0.4 in [10.16 mm]
.
Environmental Specifications
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Temperature Cycle
MIL-STD-202F, METHOD 107
Salt Fog
MIL-STD-202F, METHOD 107D COND. A
Fungus
MIL-STD-810C, METHOD 508.2
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
PE15A2000
PE15A2000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 500 MHz to 4 GHz, Log Amplifier, 25 mV/dB Log Slope, 70 dBm Log Range, SMA PE15A2000
500 MHz to 4 GHz, Log Amplifier, 25 mV/
dB Log Slope, 70 dBm Log Range, SMA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com