Electronic Components Datasheet Search
  English  ▼

X  

PE80L2000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE80L2000
Description  High Speed 10 Watt CW Limit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L2000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE80L2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TECHNICAL DATA SHEET
The PE80L2000 is a High Power Limiter that operates from 6 GHz to 18 GHz. The Limiter handles 10 W CW Power and
operates from -55 Deg C to + 85 Deg C.
Features
• High Speed 10 Watt CW Limit
• 6 GHz to 18 GHz Frequency Range
• Peak Power 10 Watts CW
• Insertion Loss 2.5 dB Typ
• Leakage Power +15 dBm Typ
• High Power Handling
Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Military Communication Systems
• Stabilizing generator outputs
• Reducing amplitude variations
•
Protects low noise amplifiers and
other devices from ESD or input
power damage
• Receiver Protection
• Weapon systems
Electrical Specifications (Values at +25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
6
18
GHz
Insertion Loss
2.5
dB
Leakage @
15
Recovery Time
12
ns
Input Power
10
Watt
Peak Power @1 µs 0.1% Duty Cycle
100 Peak
Watt
. .
Mechanical Specifications
Size
Length
1 in [25.4 mm]
Width
1 in [25.4 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.033 lbs [14.97 g]
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to 125 deg C
Humidity
MIL-STD-202F, METHOD 103B COND. B
Shock
MIL-STD-202F, METHOD 213B COND. B
Vibration
MIL-STD-202F, METHOD 204D COND. B
Altitude
MIL-STD-202F, METHOD 105C COND. B
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA High Power Limiter, 100 Watts Peak Power, 12 ns Recovery, 15 dBm Flat Leakage,
6 GHz to 18 GHz PE80L2000
PE80L2000
PE80L2000 REV 1.0
SMA High Power Limiter, 100 Watts Peak Power, 12 ns
Recovery, 15 dBm Flat Leakage, 6 GHz to 18 GHz


Similar Part No. - PE80L2000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L2001 PASTERNACK-PE80L2001 Datasheet
424Kb / 7P
High Speed 200 Watt Peak Limit
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
High Power Handling
More results

Similar Description - PE80L2000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321_07 Datasheet
587Kb / 22P
300mA High Speed Buffer with Adjustable Current Limit
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
logo
Texas Instruments
LMH6321 TI1-LMH6321_14 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
logo
Pasternack Enterprises,...
PE80L1000 PASTERNACK-PE80L1000 Datasheet
422Kb / 7P
High Speed 1 Watt Limit
PE80L1001 PASTERNACK-PE80L1001 Datasheet
453Kb / 8P
High Speed 5 Watt CW Limit
PE80L2001 PASTERNACK-PE80L2001 Datasheet
424Kb / 7P
High Speed 200 Watt Peak Limit
logo
Vishay Siliconix
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
logo
Texas Instruments
LMH6321 TI1-LMH6321_18 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
logo
Vishay Siliconix
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com