Electronic Components Datasheet Search
  English  ▼

X  

PE80L2001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE80L2001
Description  High Speed 200 Watt Peak Limit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L2001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE80L2001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• High Speed 200 Watt Peak Limit
• 2 GHz to 18 GHz Frequency Range
• Insertion Loss @ -10 dBm 2 dB Max
• VSWR 2.0:1
• Leakage @ 1 Watt CW +14 dBm Max
• Recovery Time 20 ns typical
• Limiting Threshold +6 dBm
• High Power Handling
Applications
• Electronic Warfare
• Test & Measurement
• Military & Space
• Military Communication Systems
• Stabilizing generator outputs
• Reducing amplitude variations
•
Protects low noise amplifiers and
other devices from ESD or input
power damage
• Receiver Protection
• Weapon systems
.
Description
The PE80L2001 is a High Power Limiter that operates from 2 GHz to 18 GHz. The Limiter handles 200 W Peak Power and
operates from -54 Deg C to + 125 Deg C. The RF Input has an SMA Male connector and the RF Output has an SMA Female
connector.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
2
18
GHz
Insertion Loss @Pin=-10 dBm
2
dB
Input VSWR
2:1
Output VSWR
2:1
Leakage (CW) @ 1 Watt CW
+14
dBm
Recovery Time @Pin=27 dBm
100
ns
Input Power (CW)
1
Watt
Derated by 20% @ +125°C
Input Power (Peak) @1us pulse, 0.1% Duty Cycle
200
Watt
Limiting Threshold
+6
dBm
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA High Power Limiter, 200 Watts Peak Power, 100 ns Recovery, 14 dBm Flat Leakage,
2 GHz to 18 GHz PE80L2001
PE80L2001 REV 1.0
SMA High Power Limiter, 200 Watts Peak Power, 100 ns
Recovery, 14 dBm Flat Leakage, 2 GHz to 18 GHz
Limiters - PE80L2001


Similar Part No. - PE80L2001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L2000 PASTERNACK-PE80L2000 Datasheet
594Kb / 8P
High Speed 10 Watt CW Limit
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
High Power Handling
More results

Similar Description - PE80L2001

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2325-53LD STEALTH_MICROWAVE-SM2325-53LD Datasheet
98Kb / 2P
2300-2500 MHz 200 Watt Peak Power Amplifier
SM2325-53LD2 STEALTH_MICROWAVE-SM2325-53LD2 Datasheet
103Kb / 3P
2300-2500 MHz 200 Watt Peak Power Amplifier
logo
Pasternack Enterprises,...
PE80L1000 PASTERNACK-PE80L1000 Datasheet
422Kb / 7P
High Speed 1 Watt Limit
PE80L1001 PASTERNACK-PE80L1001 Datasheet
453Kb / 8P
High Speed 5 Watt CW Limit
PE80L2000 PASTERNACK-PE80L2000 Datasheet
594Kb / 8P
High Speed 10 Watt CW Limit
logo
International Rectifier
IR1153S IRF-IR1153S_15 Datasheet
386Kb / 20P
Cycle by cycle peak current limit
logo
Nanjing International G...
3KP5.0CA DGNJDZ-3KP5.0CA Datasheet
77Kb / 3P
3000 Watt Peak Power
logo
Shanghai Leiditech Elec...
3KP5.0A LEIDITECH-3KP5.0A Datasheet
344Kb / 3P
3000 Watt Peak Power
3KP6.5A LEIDITECH-3KP6.5A Datasheet
344Kb / 3P
3000 Watt Peak Power
3KP10A LEIDITECH-3KP10A Datasheet
344Kb / 3P
3000 Watt Peak Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com