Electronic Components Datasheet Search
  English  ▼

X  

PE91110 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91110
Description  Maximum Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91110 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91110 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91110 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91110 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.4mm Male to 2.92mm Male Right Angle Adapter
Configuration
Connector 1
2.4mm Male
Impedance 1
50 Ohms
Connector 2
2.92mm Male
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.3:1
Maximum Insertion Loss, dB
0.31
Mechanical Specifications
Size
Length, in [mm]
0.68 [17.27]
Width/Dia., in [mm]
0.7 [17.78]
.
Connector 1
Type
2.4mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM-A380
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
7 [0.79]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM-A380
Dielectric Type
PPO
Connector 2
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM-A380
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
7 [0.79]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM-A380
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.4mm Male to 2.92mm Male Right Angle Adapter PE91110
PE91110
PE91110 REV 1.0
Precision 2.4mm Male to 2.92mm Male Right Angle Adapter


Similar Part No. - PE91110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
PE91114 PASTERNACK-PE91114 Datasheet
358Kb / 4P
Push-On N Male to N Female Adapter
More results

Similar Description - PE91110

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
logo
Pasternack Enterprises,...
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91136 PASTERNACK-PE91136 Datasheet
368Kb / 3P
Maximum Insertion Loss
PE91138 PASTERNACK-PE91138 Datasheet
373Kb / 3P
Maximum Insertion Loss
PE91139 PASTERNACK-PE91139 Datasheet
338Kb / 3P
Maximum Insertion Loss
PE91157 PASTERNACK-PE91157 Datasheet
372Kb / 3P
Maximum Insertion Loss
PE91160 PASTERNACK-PE91160 Datasheet
373Kb / 3P
Maximum Insertion Loss
PE91169 PASTERNACK-PE91169 Datasheet
372Kb / 3P
Maximum Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMTIP2109ATM0T63 WALSIN-AMTIP2109ATM0T63 Datasheet
835Kb / 7P
Loss Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com