Electronic Components Datasheet Search
  English  ▼

X  

PE91111 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91111
Description  Maximum Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91111 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91111 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91111 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91111 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.4mm Female to 2.92mm Female Right Angle Adapter
Configuration
Connector 1
2.4mm Female
Impedance 1
50 Ohms
Connector 2
2.92mm Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.3:1
Maximum Insertion Loss, dB
0.31
Mechanical Specifications
Size
Length, in [mm]
0.456 [11.58]
Width/Dia., in [mm]
0.468 [11.89]
.
Connector 1
Type
2.4mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
ASTM-A380
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM-A380
Dielectric Type
PPO
Connector 2
Type
2.92mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
ASTM-A380
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM-A380
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.4mm Female to 2.92mm Female Right Angle Adapter PE91111
PE91111
PE91111 REV 1.0
Precision 2.4mm Female to 2.92mm Female Right Angle Adapter


Similar Part No. - PE91111

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
PE91114 PASTERNACK-PE91114 Datasheet
358Kb / 4P
Push-On N Male to N Female Adapter
More results

Similar Description - PE91111

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
logo
Pasternack Enterprises,...
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91136 PASTERNACK-PE91136 Datasheet
368Kb / 3P
Maximum Insertion Loss
PE91138 PASTERNACK-PE91138 Datasheet
373Kb / 3P
Maximum Insertion Loss
PE91139 PASTERNACK-PE91139 Datasheet
338Kb / 3P
Maximum Insertion Loss
PE91157 PASTERNACK-PE91157 Datasheet
372Kb / 3P
Maximum Insertion Loss
PE91160 PASTERNACK-PE91160 Datasheet
373Kb / 3P
Maximum Insertion Loss
PE91169 PASTERNACK-PE91169 Datasheet
372Kb / 3P
Maximum Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMTIP2109ATM0T63 WALSIN-AMTIP2109ATM0T63 Datasheet
835Kb / 7P
Loss Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com