Electronic Components Datasheet Search
  English  ▼

X  

PE91136 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91136
Description  Maximum Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91136 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91136 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91136 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91136 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
2.4mm Male
Impedance 1
50 Ohms
Connector 2
2.92mm Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.3:1
Maximum Insertion Loss, dB
0.316
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +100
.
Connector 1
Type
2.4mm Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Connector 2
Type
2.92mm Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
ASTM A380
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.92mm Female Right Angle Adapter PE91136
PE91136
PE91136 REV 1.0
2.4mm Male to 2.92mm Female Right Angle Adapter


Similar Part No. - PE91136

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9113 PASTERNACK-PE9113 Datasheet
74Kb / 1P
UHF MALE TO MALE
PE91134 PASTERNACK-PE91134 Datasheet
237Kb / 3P
N Male to 7 - 16 DIN Female Adapter
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
PE91137 PASTERNACK-PE91137 Datasheet
345Kb / 3P
Inner Conductor Material and Plating
PE91138 PASTERNACK-PE91138 Datasheet
373Kb / 3P
Maximum Insertion Loss
More results

Similar Description - PE91136

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
logo
Pasternack Enterprises,...
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91138 PASTERNACK-PE91138 Datasheet
373Kb / 3P
Maximum Insertion Loss
PE91139 PASTERNACK-PE91139 Datasheet
338Kb / 3P
Maximum Insertion Loss
PE91157 PASTERNACK-PE91157 Datasheet
372Kb / 3P
Maximum Insertion Loss
PE91160 PASTERNACK-PE91160 Datasheet
373Kb / 3P
Maximum Insertion Loss
PE91169 PASTERNACK-PE91169 Datasheet
372Kb / 3P
Maximum Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMTIP2109ATM0T63 WALSIN-AMTIP2109ATM0T63 Datasheet
835Kb / 7P
Loss Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com