Electronic Components Datasheet Search
  English  ▼

X  

MSRF1560G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MSRF1560G
Description  Switch-mode Soft Recovery Power Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSRF1560G Datasheet(HTML) 2 Page - ON Semiconductor

  MSRF1560G Datasheet HTML 1Page - ON Semiconductor MSRF1560G Datasheet HTML 2Page - ON Semiconductor MSRF1560G Datasheet HTML 3Page - ON Semiconductor MSRF1560G Datasheet HTML 4Page - ON Semiconductor MSRF1560G Datasheet HTML 5Page - ON Semiconductor MSRF1560G Datasheet HTML 6Page - ON Semiconductor MSRF1560G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MSR1560G, MSRF1560G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Instantaneous Forward Voltage (Note 1) (IF = 15 A)
Maximum
Typical
VF
TJ = 25°C
TJ = 150°C
V
1.8
1.5
1.4
1.2
Instantaneous Reverse Current (VR = 600 V)
Maximum
Typical
IR
TJ = 25°C
TJ = 150°C
mA
15
0.4
5000
100
Reverse Recovery Time (Note 2) (VR = 30 V, IF = 1 A, di/dt = 100 A/ms)
Maximum
Typical
trr
TJ = 25°C
TJ = 100°C
ns
45
35
65
54
Typical Recovery Softness Factor (VR = 30 V, IF = 1 A, di/dt = 100 A/ms)
s = tb/ta
0.67
0.74
Typical Peak Reverse Recovery Current (VR = 30 V, IF = 1 A, di/dt = 100 A/ms)
IRRM
2.3
3.2
A
Typical Reverse Recovery Charge (VR = 30 V, IF = 1 A, di/dt = 100 A/ms)
QRR
31
78
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width ≤ 380 ms, Duty Cycle ≤ 2%
2. TRR measured projecting from 25% of IRRM to zero current
0.3
100
10
1
0.1
1.9
1.5
1.1
0.7
2.3
2.7
Figure 1. Maximum Forward Voltage
VF, INTANTANEOUS VOLTAGE (VOLTS)
VF @ 25°C
VF @ 100°C
VF @ 150°C
Figure 2. Typical Forward Voltage
VF, INSTANTANEOUS FORWARD CURRENT (AMPS)
0.3
1.1
0.9
0.7
0.5
1.3
1.5
1.7
1.9
2.1
100
10
1
0.1
zl
VF @ 25°C
VF @ 100°C
VF @ 150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com