Electronic Components Datasheet Search
  English  ▼

X  

KIA378R015PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA378R015PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R015PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA378R015PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA378R015PI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2005. 1. 27
1/8
SEMICONDUCTOR
TECHNICAL DATA
KIA378R015FP/PI~
KIA378R050FP/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
3.5A LOW DROPOUT VOLTAGE REGULATOR
[Low Quiescent Current Type]
The KIA378R
Series are Low Dropout Voltage
Regulator suitable for various electronic equipments.
The Regulator has multi-function such as over current
protection, overheat heat protection.
FEATURES
3.5A Output Low Dropout Voltage Regulator.
Very Low Dropout Voltage : 0.5V/Max. (IOUT=3.5A)
Built in ON/OFF Control Terminal. (Active High)
Built in Over Current Over Heat Protection, ASO Protection Functions.
Low Quiescent Current (Output OFF Mode) : 0.5 A(Typ.)
LINE UP
MAXIMUM RATINGS (Ta=25
)
ITEM
OUTPUT VOLTAGE (Typ.)
PACKAGE
KIA378R015FP/PI
1.5
FP : D
2PAK-5
PI : TO-220IS-4
KIA378R018FP/PI
1.8
KIA378R020FP/PI
2.0
KIA378R025FP/PI
2.5
KIA378R030FP/PI
3.0
KIA378R033FP/PI
3.3
KIA378R050FP/PI
5.0
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
7
V
ON/OFF Control Voltage
VC
7
V
Output Current
IOUT
3.5
A
Power Dissipation-1
(No Heatsink)
FP
PD1
2.0
W
PI
1.5
Power Dissipation-2
(Infinite Heatsink)
FP
PD2
35
W
PI
15
Junction Temperature
Tj
150
Operating Junction Temperature
Topr
-20
80
Storage Temperature
Tstg
-30
150


Similar Part No. - KIA378R015PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA378R015FP KEC-KIA378R015FP Datasheet
840Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA378R015FP/PI KEC-KIA378R015FP/PI Datasheet
840Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP/PI KEC-KIA378R015FP/PI Datasheet
843Kb / 9P
SEMICONDUCTOR
More results

Similar Description - KIA378R015PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com