Electronic Components Datasheet Search
  English  ▼

X  

KIA431BT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA431BT
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA431BT Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BT Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BT Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BT Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BT Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BT Datasheet HTML 6Page - KEC(Korea Electronics) KIA431BT Datasheet HTML 7Page - KEC(Korea Electronics) KIA431BT Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2015. 5. 13
2/8
KIA431 Series
Revision No : 19
Cathode (K)
Anode (A)
Reference (R)
2.5Vref
+
-
Reference (R)
Anode (A)
Cathode (K)
BLOCK DIAGRAM
ORDERING INFORMATION
Vref Tolerance code
Package Code
Pb-Free / Halogen-Free
Blank
±2.2%
Blank
TO-92
P
Pb-Free
Z
±1.5%
F
SOT-89
H
Halogen-Free
A
±1.0%
S
TSM
B
±0.5%
T
TSV
M
SOT-23
KIA431
Pb-Free / Halogen-Free
Packing Specification
Package code
Vref Tolerance code
Packing Specification
TO-92
AT : Taping of AMMO PACK type
SOT-89
RTF : RTF type
TSM / SOT-23
RTK : RTK type
TSV
RTK : RTK type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com