Electronic Components Datasheet Search
  English  ▼

X  

KIA7019AF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7019AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7019AF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7019AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA7019AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA7019AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA7019AF Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2005. 2. 3
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 4
VOLTAGE DETECTOR
Function of this IC is accurately resetting the system after
detecting voltage at the time of switching power on and instantaneous
power off in various CPU systems and other logic systems.
FEATURES
Current Consumption is Low. ICCL=300 A Typ. ICCH=30 A Typ.
Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ.
Hysteresis Voltage is Provided. 50mV Typ.
Reset Signal Generation Starting Voltages :
KIA7019 1.9V Typ.
KIA7033 3.3V Typ.
KIA7021 2.1V Typ.
KIA7034 3.4V Typ.
KIA7023 2.3V Typ.
KIA7035 3.5V Typ.
KIA7025 2.5V Typ.
KIA7036 3.6V Typ.
KIA7027 2.7V Typ.
KIA7039 3.9V Typ.
KIA7029 2.9V Typ.
KIA7042 4.2V Typ.
KIA7031 3.1V Typ.
KIA7045 4.5V Typ.
KIA7032 3.2V Typ.
Taping Type is also Available.
APPLICATIONS
(1) As Control Circuit of Battery-Backed Memory.
(2) As Measure Against Erroneous Operations at Power ON-OFF.
(3) As Measure Against System Runaway at Instantaneous Break
of Power Supply etc.
(4) As Resetting Function for the CPU-Mounted Equipment,
such as Personal Computers, Printers, VTRs and so forth.
N
1.00
M
0.45 MAX
N
E
C
E
F
F
H
G
K
B
3
2
1
D
2.30
0.55 MAX
14.00
0.50
0.45
0.85
1.27
1.00
0.45
3.70 MAX
4.80 MAX
4.70 MAX
L
K
J
H
G
F
D
C
B
A
MILLIMETERS
DIM
TO-92
+
_
1. VCC
2. GND
3. OUT
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50
0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50
0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. GND
A
C
K
F
MILLIMETERS
H
1. VCC
3. OUT
FF
D
+
_
+
_
Heat Sink is common to
(GND)
2
KIA7019AP/AF/AT~
KIA7045AP/AF/AT
BIPOLAR LINEAR INTEGRATED CIRCUIT
VCC
OUT
GND
+
-
EQUIVALENT CIRCUIT
Type No.
Marking
Type No.
Marking
Type No.
Marking
KIA7019AF/AT
6A
KIA7029AF/AT
6F
KIA7035AF/AT
6L
KIA7021AF/AT
6B
KIA7031AF/AT
6G
KIA7036AF/AT
6M
KIA7023AF/AT
6C
KIA7032AF/AT
6H
KIA7039AF/AT
6N
KIA7025AF/AT
6D
KIA7033AF/AT
6J
KIA7042AF/AT
6P
KIA7027AF/AT
6E
KIA7034AF/AT
6K
KIA7045AF/AT
6R
Marking
DIM
MILLIMETERS
A
B
D
E
TSM
2.9
0.2
1.6+0.2/-0.1
0.70
0.05
0.4
0.1
2.8+0.2/-0.3
1.9
0.2
0.95
0.16
0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
1
3
2
1
3
+
_
+
_
+
_
+
_
+
_
1. VCC
2. OUT
3. GND


Similar Part No. - KIA7019AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7019AF KEC-KIA7019AF Datasheet
415Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE DETECTOR)
More results

Similar Description - KIA7019AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com