Electronic Components Datasheet Search
  English  ▼

X  

IRFS7534PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFS7534PBF
Description  Brushed Motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7534PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFS7534PBF_15 Datasheet HTML 3Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 4Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 5Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 6Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 7Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 8Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 9Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 10Page - International Rectifier IRFS7534PBF_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 5, 2014
 
IRFB/S/SL7534PbF
Fig 21. Typical Stored Charge vs. dif/dt
Fig 20. Typical Stored Charge vs. dif/dt
Fig 19. Typical Recovery Current vs. dif/dt
-75 -50 -25 0
25 50 75 100 125 150 175
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
200
400
600
800
1000
diF /dt (A/µs)
0
5
10
15
IF = 100A
VR = 51V
TJ = 25°C
TJ = 125°C
Fig 17. Threshold Voltage vs. Temperature
0
200
400
600
800
1000
diF /dt (A/µs)
0
5
10
15
IF = 60A
VR = 51V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
50
100
150
200
250
300
IF = 60A
VR = 51V
TJ = 25°C
TJ = 125°C
Fig 18. Typical Recovery Current vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/µs)
50
100
150
200
250
300
IF = 100A
VR = 51V
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com