Electronic Components Datasheet Search
  English  ▼

X  

TLGE18TP Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLGE18TP
Description  TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLGE18TP Datasheet(HTML) 1 Page - Marktech Corporate

  TLGE18TP Datasheet HTML 1Page - Marktech Corporate TLGE18TP Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
252
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
UNIT: mm
GREEN
GREEN
GREEN
GREEN
GREEN
TOSHIBA T-1
¾
¾
¾
¾
¾ InGaAIP Ultra Bright LED
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
TL
TL
TL
TL
TLGE18TP
GE18TP
GE18TP
GE18TP
GE18TP
• InGaAlP Technology
• 5mm Diameter T-1¾ Package
• High Luminous Intensity
• Water Clear Lens
• Excellent ON-OFF Contrast Ratio
Pr
Pr
Pr
Pr
Product F
oduct F
oduct F
oduct F
oduct Fea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
120
mW
Operating Temperature
T
opr
-40 ~ 100
°C
Storage Temperature
T
stg
-40 ~ 120
°C
C H AR AC TE R IS TIC
SYMB OL
TE S T COND ITION
MIN .
TYP.
MAX .
UN IT
Forward Voltage
V
F
IF = 20mA
—
2.0
2.4
V
Reverse C urrent
I
R
V R = 4V
——50
µA
Luminous Intensity
I
V
IF = 20mA
272
700
—
mcd
Viewing Angle
2
θ ½—
—
28
—
º
Peak Wavelength
λ
p
IF = 20mA
—
574
—
nm
D ominant Wavelength
λ
d
IF = 20mA
—
571
—
nm
S pectral Line Half W idth
∆λ
IF = 20mA
—
17
—
nm


Similar Part No. - TLGE18TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGE18TP TOSHIBA-TLGE18TP Datasheet
206Kb / 7P
Panel Circuit Indicator
TLGE18TP TOSHIBA-TLGE18TP Datasheet
217Kb / 8P
Panel Circuit Indicator
TLGE18TPF TOSHIBA-TLGE18TPF Datasheet
206Kb / 7P
Panel Circuit Indicator
TLGE18TPF TOSHIBA-TLGE18TPF Datasheet
217Kb / 8P
Panel Circuit Indicator
More results

Similar Description - TLGE18TP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE183P MARKTECH-TLGE183P Datasheet
131Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLGE247 MARKTECH-TLGE247 Datasheet
136Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLOE157AP MARKTECH-TLOE157AP Datasheet
133Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE158P MARKTECH-TLPGE158P Datasheet
104Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE159P MARKTECH-TLPGE159P Datasheet
132Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE183P MARKTECH-TLPGE183P Datasheet
132Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE156AP MARKTECH-TLRE156AP Datasheet
133Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE180AP MARKTECH-TLRE180AP Datasheet
134Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRME16TP MARKTECH-TLRME16TP Datasheet
131Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLYE180AP MARKTECH-TLYE180AP Datasheet
135Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com