Electronic Components Datasheet Search
  English  ▼

X  

TLGE262 Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLGE262
Description  TOSHIBA T-1 InGaAIP Ultra Bright LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLGE262 Datasheet(HTML) 1 Page - Marktech Corporate

  TLGE262 Datasheet HTML 1Page - Marktech Corporate TLGE262 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
240
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
UNIT: mm
GREEN
GREEN
GREEN
GREEN
GREEN
TOSHIBA T-1 InGaAIP Ultra Bright LED
TL
TL
TL
TL
TLGE262
GE262
GE262
GE262
GE262
• InGaAlP Technology
• 3mm Diameter T-1 Package
• High Luminous Intensity
• Water Clear Lens
• Fast Response Time, Capable of Pulse Operation
Pr
Pr
Pr
Pr
Product F
oduct F
oduct F
oduct F
oduct Fea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
140
mW
Operating Temperature
T
opr
-30 ~ 85
°C
Storage Temperature
T
stg
-40 ~ 120
°C
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
V
F
IF = 20mA
—
2.27
2.8
V
Reverse Current
I
R
VR = 4V
——50
µA
Luminous Intensity
I
V
IF = 20mA
45
150
—
mcd
Viewing Angle
2θ½
——
62
—
º
Peak Wavelength
λ
p
IF = 20mA
—
574
—
nm
Dominant Wavelength
λ
d
IF = 20mA
—
571
—
nm
Spectral Line Half Width
∆λ
IF = 20mA
—
11
—
nm
* Luminous Ranks: (M : 56-112mcd), (N : 100-200mcd), (P : 180-360mcd) Upper and lower limit tolerance ±15%
Available in One Bin Combination: (MN)


Similar Part No. - TLGE262

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGE260 TOSHIBA-TLGE260 Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaAℓP Green Light Emission
25-Sep-2002
logo
Marktech Corporate
TLGE263P MARKTECH-TLGE263P Datasheet
54Kb / 2P
Toshiba TLxE263 Series LEDs
More results

Similar Description - TLGE262

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE160 MARKTECH-TLGE160 Datasheet
132Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLGE247 MARKTECH-TLGE247 Datasheet
136Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLOE160A MARKTECH-TLOE160A Datasheet
133Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLOE262A MARKTECH-TLOE262A Datasheet
130Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLPGE160 MARKTECH-TLPGE160 Datasheet
132Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLPGE262 MARKTECH-TLPGE262 Datasheet
132Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLRE160A MARKTECH-TLRE160A Datasheet
134Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLRE262A MARKTECH-TLRE262A Datasheet
132Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLYE160A MARKTECH-TLYE160A Datasheet
134Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
TLYE262A MARKTECH-TLYE262A Datasheet
133Kb / 2P
TOSHIBA T-1 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com