Electronic Components Datasheet Search
  English  ▼

X  

TLRE180AP Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLRE180AP
Description  TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRE180AP Datasheet(HTML) 1 Page - Marktech Corporate

  TLRE180AP Datasheet HTML 1Page - Marktech Corporate TLRE180AP Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
74
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TLRE180AP
TLRE180AP
TLRE180AP
TLRE180AP
TLRE180AP
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
UNIT: mm
TOSHIBA T-1
¾
¾
¾
¾
¾ InGaAIP Ultra Bright LED
RED
RED
RED
RED
RED
Pr
Pr
Pr
Pr
Product F
oduct F
oduct F
oduct F
oduct Fea
ea
ea
ea
eatur
tur
tur
tur
tures -
es -
es -
es -
es -
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
I
F
50
mA
Reverse Voltage
V
R
4V
Power Dissipation
P
D
125
mW
Operating Temperature
T
opr
-30 ~ 85
°C
Storage Temperature
T
stg
-40 ~ 120
°C
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
V
F
IF = 20mA
—
1.85
2.4
V
Reverse Current
I
R
VR = 4V
—
—
50
µA
Luminous Intensity
I
V
IF = 20mA
850
2500
—
mcd
Viewing Angle
2
θ½—
—
8
—
°
Peak Wavelength
λ
p
IF = 20mA
—
644
—
nm
Dominant Wavelength
λ
d
IF = 20mA
—
630
—
nm
Spectral Line Half Width
∆λ
IF = 20mA
—
18
—
nm
• InGaAIP Technology
• T-1¾ (5 mm) Package
• Red Light (l
l
l
l
l
p = 644 nm) Emission
• Water Clear Lens
• Narrow Radiation Pattern
* Luminous Ranks: (S : 1000-2000mcd), (T : 1800-3600mcd), (U : 3200-6400mcd) Upper and lower limit tolerance ±15%
Available in Two Bin Combinations: (ST), (TU)


Similar Part No. - TLRE180AP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE180AP MARKTECH-TLRE180AP Datasheet
286Kb / 2P
Toshiba TLxE180 Series LEDs
More results

Similar Description - TLRE180AP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE183P MARKTECH-TLGE183P Datasheet
131Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLGE18TP MARKTECH-TLGE18TP Datasheet
125Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLGE247 MARKTECH-TLGE247 Datasheet
136Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLOE157AP MARKTECH-TLOE157AP Datasheet
133Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE158P MARKTECH-TLPGE158P Datasheet
104Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE159P MARKTECH-TLPGE159P Datasheet
132Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLPGE183P MARKTECH-TLPGE183P Datasheet
132Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRE156AP MARKTECH-TLRE156AP Datasheet
133Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLRME16TP MARKTECH-TLRME16TP Datasheet
131Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
TLYE180AP MARKTECH-TLYE180AP Datasheet
135Kb / 2P
TOSHIBA T-1 3/4 InGaAIP Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com