Electronic Components Datasheet Search
  English  ▼

X  

SD14ST Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SD14ST
Description  Low forward voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SD14ST Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SD14ST Datasheet HTML 1Page - Bruckewell Technology LTD SD14ST Datasheet HTML 2Page - Bruckewell Technology LTD SD14ST Datasheet HTML 3Page - Bruckewell Technology LTD SD14ST Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD14ST
Publication Order Number: SD14ST
©Bruckewell Technology Corporation Rev. A -2014
Product profile
Surface Mount High Current Density Schottky
General description
Rectifiers 1.0 Amp 40V
Features
Guarding protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
Mechanical data
Case:
SOD-123 Molded plastic
Epoxy: UL94V-O rate flame retardant
Lead: Lead Formed for Surface Mount
Polarity: Color band denotes cathode end
Mounting position: Any
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SD14ST
Unit
Maximum repetitive peak reverse voltage
VRRM
40
V
RMS Voltage (Max.)
VRMS
28
V
Working peak reverse voltage
VRWM
40
V
Maximum average forward rectified current
IF(AV)
1.0
A
Peak forward surge current
IFSM
30
A
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
1pulse/4S t=500us exponent wave
180
Operating junction temperature range
TJ
-55 to +125
°C
Storage temperature range
TSTG
-55 to +150
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
42
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Similar Part No. - SD14ST

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SD14 BWTECH-SD14 Datasheet
873Kb / 3P
Surface Mount High Current Density Schottky Rectifiers 1.0 Amp 40V
logo
DAESAN ELECTRONIC CORP.
SD14 DAESAN-SD14 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Cooper Bussmann, Inc.
SD14-100-R COOPER-SD14-100-R Datasheet
372Kb / 4P
Switching Regulators
SD14-100-R COOPER-SD14-100-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD14-100-R COOPER-SD14-100-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
More results

Similar Description - SD14ST

ManufacturerPart #DatasheetDescription
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
low forward voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
Low Forward Voltage
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
Low Forward Voltage
SK320 MOSPEC-SK320 Datasheet
147Kb / 2P
Low Forward Voltage
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
Low forward voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
Low forward voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com