Electronic Components Datasheet Search
  English  ▼

X  

SS34MA_SS34DA Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SS34MA_SS34DA
Description  SWITCHMODE SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS34MA_SS34DA Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SS34MA_SS34DA Datasheet HTML 1Page - Bruckewell Technology LTD SS34MA_SS34DA Datasheet HTML 2Page - Bruckewell Technology LTD SS34MA_SS34DA Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary SS34MA/SS34D
SWITCHMODE SCHOTTKY RECTIFIER
Publication Order Number: [SS34MA/SS34DA]
© Bruckewell Technology Corporation Rev. A -2014
Description
Packaged in SMA, and low profile 2010, this device is
intended for use in low and medium voltage operation,
high frequency inverters, freewheeling and polarity
protection applications where low switching losses are
required.
Features
• Very small conduction losses
• Low forward voltage drop/ reverse current losses
• Negligible switching losses
• Extremely fast switching
• Meets MSL level 1, per J-STD-020
• Solder dip 260 °C max. 10 s, per JESD 22-A111
• RoHS Compliant package
Application
• RoHS Compliant package
•Switching Mode Power Supply Applications
•Portable Equipment Battery Applications
•DC-DC Converter Applications
Mechanical Data
• Case:
• SMA Conform to JEDEC DO214AC
• 2010: Packed with FRP substrate and epoxy under
filled
• Molding compound meets UL 94 V-0 flammability
• Weight: SMA: 0.065 gram; 2010: 0.02 gram
Packing & Order Information
5,000/Reel
SMA
2010
SMA
2010
Graphic symbol


Similar Part No. - SS34MA_SS34DA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SS34MA BWTECH-SS34MA Datasheet
234Kb / 3P
SWITCHMODE SCHOTTKY RECTIFIER
More results

Similar Description - SS34MA_SS34DA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
logo
Bruckewell Technology L...
SS36MA BWTECH-SS36MA Datasheet
293Kb / 2P
SWITCHMODE SCHOTTKY RECTIFIER
SS34MA BWTECH-SS34MA Datasheet
234Kb / 3P
SWITCHMODE SCHOTTKY RECTIFIER
SS052D BWTECH-SS052D Datasheet
194Kb / 3P
SWITCHMODE SCHOTTKY RECTIFIER
SS053D BWTECH-SS053D Datasheet
196Kb / 3P
SWITCHMODE SCHOTTKY RECTIFIER
SS54A BWTECH-SS54A Datasheet
411Kb / 4P
SWITCHMODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com