Electronic Components Datasheet Search
  English  ▼

X  

PE91161 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91161
Description  Maximum VSWR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91161 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91161 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91161 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91161 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
1.85mm Male
Impedance 1
50 Ohms
Connector 2
2.92mm Male
Impedance 2
50 Ohms
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.3:1
Mechanical Specifications
.
Connector 1
Type
1.85mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Connector 2
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 2.92mm Male Right Angle Adapter PE91161
PE91161
PE91161 REV 1.0
1.85mm Male to 2.92mm Male Right Angle Adapter


Similar Part No. - PE91161

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE91160 PASTERNACK-PE91160 Datasheet
373Kb / 3P
Maximum Insertion Loss
PE91162 PASTERNACK-PE91162 Datasheet
343Kb / 3P
Maximum VSWR
PE91163 PASTERNACK-PE91163 Datasheet
369Kb / 3P
Maximum VSWR
PE91164 PASTERNACK-PE91164 Datasheet
343Kb / 3P
Maximum VSWR
More results

Similar Description - PE91161

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91158 PASTERNACK-PE91158 Datasheet
372Kb / 3P
Maximum VSWR
PE91159 PASTERNACK-PE91159 Datasheet
367Kb / 3P
Maximum VSWR
PE91162 PASTERNACK-PE91162 Datasheet
343Kb / 3P
Maximum VSWR
PE91163 PASTERNACK-PE91163 Datasheet
369Kb / 3P
Maximum VSWR
PE91164 PASTERNACK-PE91164 Datasheet
343Kb / 3P
Maximum VSWR
PE91165 PASTERNACK-PE91165 Datasheet
374Kb / 3P
Maximum VSWR
PE91166 PASTERNACK-PE91166 Datasheet
343Kb / 3P
Maximum VSWR
PE91167 PASTERNACK-PE91167 Datasheet
339Kb / 3P
Maximum VSWR
PE91168 PASTERNACK-PE91168 Datasheet
355Kb / 3P
Maximum VSWR
PE91171 PASTERNACK-PE91171 Datasheet
338Kb / 3P
Maximum VSWR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com