Electronic Components Datasheet Search
  English  ▼

X  

IRG4PC50FPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4PC50FPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50FPBF Datasheet(HTML) 6 Page - International Rectifier

  IRG4PC50FPBF Datasheet HTML 1Page - International Rectifier IRG4PC50FPBF Datasheet HTML 2Page - International Rectifier IRG4PC50FPBF Datasheet HTML 3Page - International Rectifier IRG4PC50FPBF Datasheet HTML 4Page - International Rectifier IRG4PC50FPBF Datasheet HTML 5Page - International Rectifier IRG4PC50FPBF Datasheet HTML 6Page - International Rectifier IRG4PC50FPBF Datasheet HTML 7Page - International Rectifier IRG4PC50FPBF Datasheet HTML 8Page - International Rectifier IRG4PC50FPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRG4PC50FPbF
6
www.irf.com
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0
2
4
6
8
10
12
0
2040
6080
C
I , Collector-to-Emitter Current (A)
A
R
= 5.0
Ω
T
= 150°C
V
= 480V
V
= 15V
G
J
CC
GE
1
10
100
1000
1
10
100
1000
CE
GE
V
, Collector-to-Emitter Voltage (V)
SAFE OPERATING AREA
V
= 20V
T
= 125°C
GE
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com