Electronic Components Datasheet Search
  English  ▼

X  

ADF120 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ADF120
Description  Din Rail Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ADF120 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ADF120 Datasheet HTML 1Page - Arch Electronics Corp. ADF120 Datasheet HTML 2Page - Arch Electronics Corp. ADF120 Datasheet HTML 3Page - Arch Electronics Corp. ADF120 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : PA_1
update : 2014.08.04
AC-DC Din Rail Power Supply
ADF120 SERIES
120 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
ADF120-12S
ADF120-24S
ADF120-48S
Max Output Wattage
(W)
120W
120W
120W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
<2.0 A max. (115 VAC) / <1.0 A max. (230 VAC)
Inrush Current (<2ms)
< 30 A max. (115 VAC) / < 60 A max. (230 VAC)
Leakage Current
< 0.5 mA max.
Input
Power Factor
PF>0.98 (115 VAC) / PF>0.94 (230 VAC) at Full Load
Voltage (V.DC.)
12V
24V
48V
Voltage Accuracy
±2%
Current (Convection) (A) max
10
5
2.5
Line Regulation
±1%
Load Regulation
±1%
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple & Noise
1% max.
Efficiency (typ.)
90%
91%
92%
Output
Hold-up Time
20 ms min.
Over Power Protection
Auto recovery
Over Voltage Protection
Latch Off
Protection
Short Circuit Protection
Latch Off
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-10°C…+70°C (with derating)
Storage Temperature
-25°C…+85°C
Temperature Coefficient
±0.03%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>50,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
1.66 x 5.16 x 3.94 Inches
( 42.4 x 131.1 x 100.0 mm ) Tolerance
0.5 mm
Weight
Pending
Physical
Cooling Method
Free convection
Safety
Agency Approvals
CE, UL60950-1
(Pending)
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
 Din Rail Switching Power Supply
 Universal Input: 90-264 VAC
 With P.F.C. Function
 Free Air Convection
 Ultra Compact Size: 1.66 x 5.16 x 3.94 Inches
 3-Year Product Warranty
(Pending)


Similar Part No. - ADF120

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF120 ARCH-ADF120_16 Datasheet
131Kb / 2P
AC-DC Din Rail Power Supply
More results

Similar Description - ADF120

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
DIN RAIL POWER SUPPLY
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
CliQ DIN Rail Power Supply
logo
Arch Electronics Corp.
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
Din Rail Switching Power Supply
AFC-DN_SERIES ARCH-AFC-DN_SERIES Datasheet
142Kb / 2P
Din Rail Switching Power Supply
AHC-DN_SERIES ARCH-AHC-DN_SERIES Datasheet
149Kb / 2P
Din Rail Switching Power Supply
ANCA-DN_SERIES ARCH-ANCA-DN_SERIES Datasheet
187Kb / 3P
Din Rail Switching Power Supply
APC-DN_SERIES ARCH-APC-DN_SERIES Datasheet
163Kb / 3P
Din Rail Switching Power Supply
AQF120D_SERIES ARCH-AQF120D_SERIES Datasheet
260Kb / 2P
Din Rail Switching Power Supply
ATC-DN_SERIES ARCH-ATC-DN_SERIES Datasheet
171Kb / 3P
Din Rail Switching Power Supply
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
DIN Rail Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com