Electronic Components Datasheet Search
  English  ▼

X  

DG308ACK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG308ACK
Description  Quad, SPST Analog Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG308ACK Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG308ACK Datasheet HTML 1Page - Maxim Integrated Products DG308ACK Datasheet HTML 2Page - Maxim Integrated Products DG308ACK Datasheet HTML 3Page - Maxim Integrated Products DG308ACK Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The DG308A/DG309 are quad, single-pole-single-throw
(SPST) analog switches. The DG308A is normally open
(SPST, NO), while the DG309 is normally closed (SPST,
NC). Both parts feature fast switching speeds and low on-
resistance over the analog range. Other features include a
turn-on time under 120ns, a turn-off time under 90ns, and a
channel on-resistance of 60
Ω. CMOS inputs provide
reduced input loading and very low leakage currents.
Both parts feature a 44V maximum breakdown voltage rat-
ing that allows 30V peak-to-peak switch-off blocking
capacity. The DG308A/DG309 can be used with split sup-
plies (±5V to ±20V) or a single positive supply (+5V to
+30V), while retaining CMOS-logic-compatible inputs.
________________________Applications
Sample-and-Hold Circuits
Test Equipment
Communications Systems
PBX, PABX
Guidance and Control Systems
Heads-Up Displays
Military Radios
____________________________Features
o 60
Ω r
DS(ON)
o Single/Bipolar-Supply Operation
o CMOS Logic Compatible
o Monolithic, Low-Power CMOS Design
Quad, SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
DIP/SO
LOGIC
DG308A
TRUTH TABLE
0
1
OFF
ON
DG309
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+ (SUBSTRATE)
V-
S1
D1
IN1
DG308A
DG309
N.C.
S3
D3
IN3
IN4
D4
S4
GND
TOP VIEW
______Pin Configuration/Truth Table
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DG308A
DG309
VIN ±10V
5k
-15V
+15V
**
**
5k
40k
10k
20k
VOUT
PROGRAMMABLE-GAIN AMPLIFIER
* PINS 1, 8, 9, AND 16 ARE LOGIC-CONTROL INPUTS.
__________Typical Operating Circuit
19-3926; Rev 0; 3/91
PART
DG308ACJ
DG308ACY
DG308ACK
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 CERDIP
______________Ordering Information
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
DG308AC/D
0°C to +70°C
Dice*
DG308ADJ
DG308ADY
DG308ADK
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 CERDIP
DG308AAK
-55°C to +125°C
16 CERDIP**
DG309CJ
DG309CY
DG309CK
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Narrow SO
16 CERDIP
DG309C/D
0°C to +70°C
Dice*
DG309DJ
DG309DY
DG309DK
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 CERDIP
DG309AK
-55°C to +125°C
16 CERDIP**


Similar Part No. - DG308ACK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG308ACJ INTERSIL-DG308ACJ Datasheet
113Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
November 1999
logo
Vishay Siliconix
DG308ACJ VISHAY-DG308ACJ Datasheet
52Kb / 5P
Quad Monolithic SPST CMOS Analog Switches
28-Apr-97
logo
Intersil Corporation
DG308ACJ INTERSIL-DG308ACJ Datasheet
187Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
May 2001
logo
Vishay Siliconix
DG308ACJ VISHAY-DG308ACJ Datasheet
99Kb / 6P
Quad Monolithic SPST CMOS Analog Switches
11-Jun-07
DG308ACJ VISHAY-DG308ACJ Datasheet
163Kb / 11P
Quad Monolithic SPST CMOS Analog Switches
28-Feb-11
More results

Similar Description - DG308ACK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
QUAD SPST JFET ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
logo
Maxim Integrated Produc...
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
Improved, Quad, SPST Analog Switches
Rev 4; 6/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com