Electronic Components Datasheet Search
  English  ▼

X  

ANCN Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ANCN
Description  Switching Power Module for PCB Mountable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ANCN Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ANCN Datasheet HTML 1Page - Arch Electronics Corp. ANCN Datasheet HTML 2Page - Arch Electronics Corp. ANCN Datasheet HTML 3Page - Arch Electronics Corp. ANCN Datasheet HTML 4Page - Arch Electronics Corp. ANCN Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : A_3
update : 2014.07.24
AC-DC Power Module
ANCN SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
ANCN-5S
ANCN-12S
ANCN-15S
ANCN-24S
Max Output Wattage (W)
15W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
50 / 60 Hz
Current (Full load)
315 mA max. (115 VAC) / 195 mA max. (230 VAC)
Inrush Current
15 A max. (115 VAC) / 30 A max. (230 VAC) (cold start)
Leakage Current
0.25 mA max. (at <240 VAC)
Input
External Fuse (mandatory)
1.5 A slow blow type
Voltage (V.DC.)
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
3000
1250
1000
625
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Maximum Capacitive Load (at 100-240 VAC)
1100uF
200uF
200uF
47uF
Ripple & Noise (typ.)
100mV (Vp-p)
120mV (Vp-p)
200mV (Vp-p)
240mV (Vp-p)
Output
Efficiency (at 230 VAC)
78%
82%
81%
82%
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
4000V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>300,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.91 x 2.13 x 0.86 Inches
( 74.1 x 54.1 x 21.8 mm ) Tolerance
0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
114 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
 Switching Power Module for PCB Mountable
 Fully Encapsulated Plastic Case
 Universal Input Range 90-264VAC
 <0.3W No Load Input Power
 High Average Efficiency (25%, 50%, 75%, 100% Load Points)
 Screw Terminal For Optional
 Isolation Class II
 Isolation 4KV AC
 CE, UL, Approval
 3-Year Product Warranty


Similar Part No. - ANCN

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ANCN-12S ARCH-ANCN-12S Datasheet
140Kb / 4P
Switching Power Module for PCB Mountable
ANCN-15S ARCH-ANCN-15S Datasheet
140Kb / 4P
Switching Power Module for PCB Mountable
ANCN-24S ARCH-ANCN-24S Datasheet
140Kb / 4P
Switching Power Module for PCB Mountable
ANCN-5S ARCH-ANCN-5S Datasheet
140Kb / 4P
Switching Power Module for PCB Mountable
ANCN ARCH-ANCN_16 Datasheet
140Kb / 4P
Switching Power Module for PCB Mountable
More results

Similar Description - ANCN

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com