Electronic Components Datasheet Search
  English  ▼

X  

DG308AC/ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG308AC/
Description  Quad, SPST Analog Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG308AC/ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG308AC/ Datasheet HTML 1Page - Maxim Integrated Products DG308AC/ Datasheet HTML 2Page - Maxim Integrated Products DG308AC/ Datasheet HTML 3Page - Maxim Integrated Products DG308AC/ Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
4
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1991 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Quad, SPST Analog Switches
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
500
0
0
DRAIN-SOURCE ON-RESISTANCE
vs. DRAIN VOLTAGE & POWER SUPPLIES
400
VD (V)
15
200
100
510
300
20
V+ = 5V
V+ = 10V
V+ = 15V
V+ = 20V
TA = +25°C
V- = GND
500
600
700
800
0
POWER-SUPPLY CURRENT
AND VOLTAGE vs. TEMPERATURE
400
TEMPERATURE (°C)
200
100
300
-50
125
25
-25
0
75
50
100
V+ = 44V
V+ = 30V
V+ = 5V
V+ = 10V
TA = +25°C
V- = GND
250
0
-15
DRAIN-SOURCE ON-RESISTANCE
vs. DRAIN VOLTAGE & POWER SUPPLIES
200
VD (V)
0
100
50
-10
-5
150
510
15
V+ = ±5V
V+ = ±10V
V+ = ±12V
V+ = ±15V
TA = +25°C
-30
-12
LEAKAGE CURRENTS vs.
ANALOG VOLTAGE
10
20
VANALOG (V)
6
-10
-20
-6
0
0
12
TA = +25°C
VCC = ±15V
IS(OFF)
ID(OFF)
ID(ON)
_____________________Pin Description
Ground
GND
5
No Connect. Not internally
connected.
N.C.
12
Positive Supply Voltage Input.
Connected to substrate.
V+
13
Negative Supply Voltage Input
V-
4
Source Input
S1–S4
3, 6, 11, 14
PIN
Drain Output
D1–D4
2, 7, 10, 15
Logic Control Inputs
IN1–IN4
1, 8, 9, 16
FUNCTION
NAME
__________Applications Information
The DG308A/DG309 switch positive analog signals while
using a single positive supply, allowing use in applica-
tions where only one supply is available. The disadvan-
tages of using a single supply are slower switching
speed and increased rDS(ON). The Power-Supply
Current and Voltage vs. Temperature graph shows the
typical curve for a single-supply design. As stated in the
Absolute Maximum Ratings, the analog voltage should
not go above or below the supply voltages, which are V+
and 0V in single-supply operation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com