Electronic Components Datasheet Search
  English  ▼

X  

DG300BA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG300BA
Description  TTL Compatible CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG300BA Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG300BA Datasheet HTML 1Page - Maxim Integrated Products DG300BA Datasheet HTML 2Page - Maxim Integrated Products DG300BA Datasheet HTML 3Page - Maxim Integrated Products DG300BA Datasheet HTML 4Page - Maxim Integrated Products DG300BA Datasheet HTML 5Page - Maxim Integrated Products DG300BA Datasheet HTML 6Page - Maxim Integrated Products DG300BA Datasheet HTML 7Page - Maxim Integrated Products DG300BA Datasheet HTML 8Page - Maxim Integrated Products DG300BA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TTL Compatible CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +15V, V- = -15V, GND = 0V, TA = +25°C, unless otherwise noted.)
DG300–DG303A
DG300A–DG303AA
DG300–DG303B/C
DG300A–DG303AB/C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
UNITS
Positive Supply
Current
I+
0.23
0.5
0.23
0.5
mA
Negative Supply
Current
I-
VIN = 4V (one input)
(all others = 0)
-10
-0.001
-10
-0.001
µA
Positive Supply
Current
I+
0.001
10
0.001
10
µA
Negative Supply
Current
I-
VIN = 0.8V (all inputs)
-10
-0.001
-10
-0.001
µA
ELECTRICAL CHARACTERISTICS (Over Temperature)
(V+ = +15V, V- = -15V, GND = 0V, TA = Over Temperature Range, unless otherwise noted.)
DG300–DG303A
DG300A–DG303AA
DG300–DG303B/C
DG300A–DG303AB/C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
UNITS
Analog Signal Range
VANALOG IS = -10mA, VIN = 0.8V or 4.0V
-15
+15
-15
+15
V
IS = -10mA, VD = 10V
75
75
Drain-Source
ON-Resistance
RDS(ON)
IS = -10mA, VD = -10V
75
75
Ω
VS = 14V, VD = -14V
100
100
Source OFF-
Leakage Current
IS(OFF)
VS = -14V, VD = 14V
-100
-100
nA
VS = -14V, VD = 14V
100
100
Drain OFF-
Leakage Current
ID(OFF)
VS = 14V, VD = -14V
-100
-100
nA
VD = VS = 14V
200
200
Drain ON-
Leakage Current
ID(ON)
VIN = 0.8V
or
VIN = 0.8V
VD = VS = -14V
-200
-200
nA
VIN = 5.0V
-1
-10
Input Current/
Voltage High
IINH
VIN = 15V
1
10
µA
Input Current/
Voltage Low
IINL
VIN = 0V
-1
-10
µA
Positive Supply
Current
I+
1
1
mA
Negative Supply
Current
I-
VIN = 4V (one input)
(all others = 0)
-100
-200
mA
Positive Supply
Current
I+
100
200
µA
Negative Supply
Current
I-
VIN = 0.8V (all inputs)
-100
-200
µA
Turn-ON Time
tON
500
ns
Turn-OFF Time
tOFF
See Switching Time Test Circuit
450
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com