Electronic Components Datasheet Search
  English  ▼

X  

AZC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AZC
Description  Switching Power Module for PCB Mountable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AZC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AZC Datasheet HTML 1Page - Arch Electronics Corp. AZC Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_2
update : 2014.08.27
AC-DC Power Module
AZC SERIES
2 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
AZC-3.3S
AZC-5S
AZC-9S
AZC-12S
AZC-15S
AZC-24S
Max Output Wattage (W)
2W
Voltage
90-305 VAC or 120-430 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
75 mA max. (115 VAC) / 55 mA max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 50 A max. (230 VAC)
Leakage Current (<240 VAC)
0.25 mA max.
External Fuse (mandatory)
3.15 A slow blow type
Input
External Varistor
14S561K
Voltage (V.DC.)
3.3V
5V
9V
12V
15V
24V
Voltage Accuracy
±6%
Current (mA) max
600
400
222
167
133
83
Line Regulation (LL-HL) (typ.)
±5%
Load Regulation (10-100%) (typ.)
±6%
Minimum Load
0%
Maximum Capacitive Load
7000uF
4000uF
1200uF
500uF
350uF
110uF
Ripple & Noise (Vp-p)
300mV
Efficiency (at 115 VAC)
66%
70%
73%
73%
73%
75%
Output
Hold-up Time (at 230 VAC)
15 ms min.
Over Power Protection
Hiccup technique, auto-recovery
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+80°C ( with derating )
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>350,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.12 x 1.02 x 0.67 Inches ( 28.5 x 25.8 x 17.0 mm ) Tolerance
0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
19.9 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL, cUL, CE, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-305VAC, 47-63 Hz
Isolation Class II
Maximum No-Load Watts < 0.3W
CE, CB and UL Approval
3-Year Product Warranty


Similar Part No. - AZC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AZC-12S ARCH-AZC-12S Datasheet
143Kb / 2P
Switching Power Module for PCB Mountable
AZC-12S ARCH-AZC-12S Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
AZC-15S ARCH-AZC-15S Datasheet
143Kb / 2P
Switching Power Module for PCB Mountable
AZC-15S ARCH-AZC-15S Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
AZC-24S ARCH-AZC-24S Datasheet
143Kb / 2P
Switching Power Module for PCB Mountable
More results

Similar Description - AZC

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APC-E1 ARCH-APC-E1_16 Datasheet
193Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com