Electronic Components Datasheet Search
  English  ▼

X  

DG508AC/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG508AC/D
Description  Monolithic CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG508AC/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DG508AC/D Datasheet HTML 3Page - Maxim Integrated Products DG508AC/D Datasheet HTML 4Page - Maxim Integrated Products DG508AC/D Datasheet HTML 5Page - Maxim Integrated Products DG508AC/D Datasheet HTML 6Page - Maxim Integrated Products DG508AC/D Datasheet HTML 7Page - Maxim Integrated Products DG508AC/D Datasheet HTML 8Page - Maxim Integrated Products DG508AC/D Datasheet HTML 9Page - Maxim Integrated Products DG508AC/D Datasheet HTML 10Page - Maxim Integrated Products DG508AC/D Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Monolithic CMOS Analog Multiplexers
8
_______________________________________________________________________________________
Ordering Information (continued)
TOP VIEW
9
10
11
12
S6
S5
V+
GND
4
3
2
1
S3
S2
S1
V-
DG508
9
10
11
12
S3B
S2B
S1B
V+
4
3
2
1
S3A
S2A
S1A
V-
DG509
QFN
QFN
Pin Configurations (continued)
*Contact factory for dice specifications.
PART
TEMP RANGE
PIN-PACKAGE
DG509ACJ
0°C to +70°C
16 Plastic DIP
DG509ACWE
0°C to +70°C
16 Wide SO
DG509AC/D
0°C to +70°C
Dice*
DG509ABK
-20°C to +85°C
16 CERDIP
DG509ADJ
-40°C to +85°C
16 Plastic DIP
DG509ADY
-40°C to +85°C
16 Narrow SO
DG509AEGE
-40°C to +85°C
16 QFN
DG509AEWE
-40°C to +85°C
16 Wide SO
DG509AAK
-55°C to +125°C
16 CERDIP
S1A
-15V
DB
DIFFERENTIAL
ANALOG
OUTPUTS
(INPUTS)
A0
A1
EN
S2A
V+
V-
GND
DIFFERENTIAL
ANALOG
INPUTS
(OUTPUTS)
+15V
DIFFERENTIAL 4-CHANNEL SEQUENTIAL MUX/DEMUX
CLOCK IN
RESET ENABLE
N.C.
J
K
Q
CLEAR GND
S3A
S4A
S1B
S2B
S3B
S4B
DA
-15V
CLOCK
DG509A
1/2MM747C73
Q
J
K
Q
GND
1/2MM747C73
Q
Typical Operating
Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com