Electronic Components Datasheet Search
  English  ▼

X  

DG417 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG417
Description  Improved, SPST/SPDT Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG417 Datasheet HTML 1Page - Maxim Integrated Products DG417 Datasheet HTML 2Page - Maxim Integrated Products DG417 Datasheet HTML 3Page - Maxim Integrated Products DG417 Datasheet HTML 4Page - Maxim Integrated Products DG417 Datasheet HTML 5Page - Maxim Integrated Products DG417 Datasheet HTML 6Page - Maxim Integrated Products DG417 Datasheet HTML 7Page - Maxim Integrated Products DG417 Datasheet HTML 8Page - Maxim Integrated Products DG417 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Improved, SPST/SPDT Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, VL = 5V, GND = 0V, VINL = 0.8V, VINH = 2.4V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to V-
V+ .......................................................................................44V
GND....................................................................................25V
VL ..................................................(GND - 0.3V) to (V+ + 0.3V)
Digital Inputs VS, VD (Note 1) .........(V- - 2V) to (V+ + 2V) or 30mA
(whichever occurs first)
Continuous Current (any terminal) (Note 1) ........................30mA
Peak Current, S or D (pulsed at 1ms, 10% duty cycle max)..100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges
DG41_C_ .............................................................0°C to +70°C
DG41_D_ ..........................................................-40°C to +85°C
DG41_AK ........................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Signals on S, D, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current ratings.
DG417/
DG418
-40
40
-10
10
A
A
DG417/
DG418
V+ = 13.5V, V- = -13.5V,
VD = ±10V,
IS = -10mA
DG419
(Note 3)
-0.75
-0.1
0.75
TA = +25°C
C, D
TA = TMIN to
TMAX
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
-40
40
-10
10
A
TA = TMIN to TMAX
V+ = 15V, V- = -15V,
VD = ±10V,
IS = -10mA
4
DG419
V+ = 15V, V- = -15V,
VD = ±5V,
IS = -10mA
V
-0.75
0.75
TA = +25°C
C, D
TA = TMIN to
TMAX
V+ = 16.5V,
V- = -16.5V,
VD = ±15.5V,
VS = ±15.5V
-40
40
-10
10
A
ID(ON)
Drain-On
Leakage Current
(Note 5)
nA
-0.4
0.4
TA = +25°C
C, D
TA = TMIN to
TMAX
-15
15
VS_, VD
CONDITIONS
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
20
30
TA = +25°C
C, D
20
35
RDS(ON)
Drain-Source
On-Resistance
Ω
45
TA = +25°C
TA = TMIN to TMAX
6
TA = +25°C
∆RDS(ON)
On-Resistance Match
Between Channels
(Note 4)
Ω
3
TA = TMIN to TMAX
RFLAT(ON)
On-Resistance Flatness
(Note 4)
Ω
4
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V,
VS =
15.5V
-20
20
-5
5
A
IS(OFF)
Source-Off
Leakage Current
(Note 5)
nA
-0.25
0.25
TA = +25°C
-20
20
C, D
-5
5
TA = TMIN to
TMAX
A
ID(OFF)
Drain-Off
Leakage Current
(Note 5)
nA
-0.25
0.1
0.25
TA = +25°C
C, D
TA = TMIN to
TMAX
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com