Electronic Components Datasheet Search
  English  ▼

X  

PCP1208 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCP1208
Description  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCP1208 Datasheet(HTML) 1 Page - ON Semiconductor

  PCP1208 Datasheet HTML 1Page - ON Semiconductor PCP1208 Datasheet HTML 2Page - ON Semiconductor PCP1208 Datasheet HTML 3Page - ON Semiconductor PCP1208 Datasheet HTML 4Page - ON Semiconductor PCP1208 Datasheet HTML 5Page - ON Semiconductor PCP1208 Datasheet HTML 6Page - ON Semiconductor PCP1208 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PCP1208
Bipolar Transistor
200V, 0.7A Low VCE(sat) NPN Single PCP
52213 TKIM TC-00002872/72512 TKIM/12611CB TKIM TC-00002563 No.1836-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
Features
•
VCEO=200V, IC=0.7A
•
High allowable power dissipation
•
Halogen free compliance
•
Low collector-to-emitter saturation voltage VCE(sat)=0.115V(typ.)@IC=0.35A
•
High-speed switching tf=70ns(typ.)@IC=0.3A
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
220
V
Collector-to-Emitter Voltage
VCEO
200
V
Emitter-to-Base Voltage
VEBO
8V
Collector Current
IC
0.7
A
Collector Current (Pulse)
ICP
2A
Base Current
IB
140
mA
Collector Dissipation
PC
When mounted on ceramic substrate (450mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Package Dimensions
unit : mm (typ)
7008B-003
Ordering number : ENA1836B
Ordering & Package Information
Device
Package
Shipping
note
PCP1208-TD-H
PCP
(SC-62, SOT-89,
TO-243)
1,000
pcs./reel
Pb Free
and
Halogen Free
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
Top View
Bottom View
0.75
PCP1208-TD-H
1
3
2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - PCP1208

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
PCP1208 SANYO-PCP1208 Datasheet
390Kb / 4P
LED Back Light
More results

Similar Description - PCP1208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com