Electronic Components Datasheet Search
  English  ▼

X  

DG418 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG418
Description  Improved, SPST/SPDT Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG418 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG418 Datasheet HTML 1Page - Maxim Integrated Products DG418 Datasheet HTML 2Page - Maxim Integrated Products DG418 Datasheet HTML 3Page - Maxim Integrated Products DG418 Datasheet HTML 4Page - Maxim Integrated Products DG418 Datasheet HTML 5Page - Maxim Integrated Products DG418 Datasheet HTML 6Page - Maxim Integrated Products DG418 Datasheet HTML 7Page - Maxim Integrated Products DG418 Datasheet HTML 8Page - Maxim Integrated Products DG418 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Improved, SPST/SPDT Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = +25°C, unless otherwise noted.)
Note 2: Typical values are for design aid only, are not guaranteed, and are not subject to production testing. The algebraic
convention where the most negative value is a minimum and the most positive value a maximum is used in this data sheet.
Note 3: Guaranteed by design.
Note 4: On-resistance match between channels and flatness is guaranteed only with bipolar-supply operation. Flatness is defined as
the difference between the maximum and the minimum value of on-resistance as measured at the extremes of the specified
analog range.
Note 5: Leakage parameters IS(OFF), ID(OFF), and ID(ON) are 100% tested at the maximum rated hot temperature and guaranteed by
correlation at +25°C.
Note 6: Off-Isolation Rejection Ratio = 20log (VD/VS), VD = output, VS = input to off switch.
Note 7: Between any two switches.
Drain-Source On-Resistance
RDS(ON)
ns
ns
110
Turn-On Time
tON
DG417/DG418, VD = 8V, Figure 2
tOFF
Charge Injection (Note 3)
Q
Turn-Off Time
DG417/DG418, VD = 8V, Figure 2
pC
40
µA
ns
60
Break-Before-Make Interval
tD
DG419, RL = 1000Ω, CL = 35pF, Figure 4
2
10
CL = 10nF, VGEN = 0V, RGEN = 0V, Figure 5
-0.0001
Logic Supply Current
IL
All channels on or off, VL = 5.25V,
VIN = 0V or 5V
µA
-0.0001
Negative Supply Current
I-
µA
-0.0001
Positive Supply Current
I+
All channels on or off, V+ = 13.2V,
VL = 5.25V, VIN = 0V or 5V
IS = -10mA, VD = 3.8V, V+ = 10.8V
40
100
Ω
All channels on or off, V+ = 13.2V,
VL = 5.25V, VIN = 0V or 5V
µA
-0.0001
Ground Current
IGND
All channels on or off, VL = 5.25V,
VIN = 0V or 5V
CONDITIONS
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
(Note 3)
V
0
12
VANALOG
Analog Signal Range
SWITCH
DYNAMIC
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com