Electronic Components Datasheet Search
  English  ▼

X  

ICL7665CSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # ICL7665CSA
Description  Microprocessor Voltage Monitor with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665CSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  ICL7665CSA Datasheet HTML 1Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 2Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 3Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 4Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 5Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 6Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 7Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 8Page - Maxim Integrated Products ICL7665CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to volt-
ages greater than (V+ + 0.3V) or less than (GND - 0.3V) may cause destructive latchup. For this reason, we recommend
that inputs from external sources that are not operating from the same power supply not be applied to the device before its
supply is established, and that in multiple supply systems, the supply to the ICL7665 be turned on first. If this is not possi-
ble, currents into inputs and/or outputs must be limited to ±0.5mA and voltages must not exceed those defined above.
Supply Voltage (Note 1) .........................................-0.3V to +18V
Output Voltages OUT1 and OUT2
(with respect to GND) (Note 1) ..........................-0.3V to +18V
Output Voltages HYST1 and HYST2
(with respect to V+) (Note 1) .............................+0.3V to -18V
Input Voltages SET1 and SET2
(Note 1)........................................(GND - 0.3V) to (V+ + 0.3V)
Maximum Sink Output Current
OUT1 and OUT2.............................................................25mA
Maximum Source Output Current
HYST1 and HYST2 ........................................................-25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) ........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ................640mW
TO-99 (derate 6.67mW/°C above +70°C) ...................533mW
Operating Temperature Ranges
ICL7665C_ _.......................................................0°C to +70°C
ICL7665I_ _ .....................................................-20°C to +85°C
ICL7665E_ _ ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
ICL7665
TA = +25°C
1.6
16
V
TA = TMIN to TMIN
1.8
16
ICL7665A
TA = TMIN to TMIN
2.0
16
ICL7665B
TA = +25°C
1.6
10
Input Trip Voltage
VSET
ICL7665, ICL7665B, TA = +25°C
VSET1
1.150
1.300
1.450
V
VSET2
1.200
1.300
1.400
ICL7665A, TA = +25°C
VSET1
1.275
1.300
1.325
VSET2
1.225
1.300
1.375
ICL7665A, TA = TMIN to TMAX
VSET1
1.250
1.300
1.350
VSET2
1.215
1.300
1.385
VSET Tempco
100
ppm/°C
ROUT1, ROUT2, RHYST1, RHYST2 = 1MΩ
0.004
%/V
Supply Current
I+
GND
≤ VSET1,
VSET2 ≤ V+,
all outputs open
circuit
V+ = 2V
2.5
10
µA
V+ = 9V
2.6
10
V+ = 15V
2.9
15
ICL7665B,
TA = +25°C
V+ = 2V
2.5
10
V+ = 9V
2.6
10
TA = TMIN to TMIN
1.8
10
ICL7665,
TA = +25°C;
ICL7665A,
TA = TMIN to TMAX
Supply Voltage Sensitivity
of VSET1, VSET2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com