Electronic Components Datasheet Search
  English  ▼

X  

BAP50-03 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP50-03
Description  General purpose PIN diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP50-03 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP50-03 Datasheet HTML 1Page - NXP Semiconductors BAP50-03 Datasheet HTML 2Page - NXP Semiconductors BAP50-03 Datasheet HTML 3Page - NXP Semiconductors BAP50-03 Datasheet HTML 4Page - NXP Semiconductors BAP50-03 Datasheet HTML 5Page - NXP Semiconductors BAP50-03 Datasheet HTML 6Page - NXP Semiconductors BAP50-03 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BAP50-03_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2009
2 of 7
NXP Semiconductors
BAP50-03
General purpose PIN diode
4.
Limiting values
5.
Thermal characteristics
6.
Characteristics
[1]
Guaranteed on AQL basis: inspection level S4, AQL 1.0.
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
50
V
IF
forward current
-
50
mA
Ptot
total power dissipation
Tsp =90 °C
-
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to soldering point
85
K/W
Table 5.
Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
VR
reverse voltage
IR =10 µA
50
--V
IR
reverse current
VR = 50 V
-
-
100
nA
Cd
diode capacitance
f = 1 MHz; see Figure 1
VR = 0 V
-
0.4
-
pF
VR = 1 V
-
0.3
0.55
pF
VR = 5 V
-
0.2
0.35
pF
rD
diode forward resistance
f = 100 MHz; see Figure 2
IF = 0.5 mA
[1]
-25
40
Ω
IF =1mA
[1]
-14
25
Ω
IF =10mA
[1]
-3
5
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com