Electronic Components Datasheet Search
  English  ▼

X  

AS73 Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # AS73
Description  Special passivation for moisture sensitive applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

AS73 Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  AS73 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION AS73 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
 
Rev. 7
 
Thin Film Anti-Sulfurated Chip Resistor
MERITEK
AS73 Series
Packaging
Unit : mm
Paper Tape Specifications
Unit: mm
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
1J (0603) 1.10±0.05 1.90±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.60±0.03
2A(0805) 1.60±0.05 2.37±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.75±0.05
 Peel force of top cover tape
 The peel speed shall be about 300mm/min±5%
 The peel force of top cover tape shall be between 8g to 40g
8~40g
Top Cover Tape
165~180
Type
ØA
ØB
ØC
W
T
Paper
Tape (EA)
Emboss
Plastic
Tape (EA)
1J (0603) 178.0±1.0 60.0+1.0 13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
2A(0805) 178.0±1.0 60.0+1.0 13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
W
E
F
ψ D 0
P 1
P
2
P
0
direction of unreeling
A
B
T op T ape
B ottom T ape
R esistor
P aper T ape
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com